Electronic Components Datasheet Search
  English  ▼

X  

EG301 Datasheet(PDF) 9 Page - Jingjing Microelectronics Co., Ltd

Part # EG301
Description  Roll code coding chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd

EG301 Datasheet(HTML) 9 Page - Jingjing Microelectronics Co., Ltd

Back Button EG301 Datasheet HTML 2Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 3Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 4Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 5Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 6Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 7Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 8Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 9Page - Jingjing Microelectronics Co., Ltd EG301 Datasheet HTML 10Page - Jingjing Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
屹晶微电子有限公司
EG301 用户手册
滚动码编码芯片
2013 © 屹晶微电子有限公司 版权所有
www.EGmicro.com
8/9
静态电流
ICCS
0.5
1
uA
高电平输入电压
VIH
0.4 VDD
VDD+0.3
V
低电平输入电压
VIL
-0.3
0.15 VDD
V
高电平输出电压
VOH
0.7 VDD
V
低电平输出电压
VOL
0.05 VDD
V
LED 灌电流
ILED
2.5
2.7
3.3
3.1
4.3
4.5
mA
VDD=6.6V
VDD=13.0V
S0-S3 下拉电阻
RS0-3
40
60
80
k
Ω
PWM 下拉电阻
RPWM
25
30
40
k
Ω
10.
封装尺寸



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com