Electronic Components Datasheet Search
  English  ▼

X  

EG1503 Datasheet(PDF) 11 Page - Jingjing Microelectronics Co., Ltd

Part # EG1503
Description  Programmable Power ChIp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd

EG1503 Datasheet(HTML) 11 Page - Jingjing Microelectronics Co., Ltd

Back Button EG1503 Datasheet HTML 7Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 8Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 9Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 10Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 11Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 12Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 13Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 14Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 15Page - Jingjing Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
屹晶微电子有限公司
EG1503 芯片用户手册 V1.4
可编程电源芯片
2014 © 屹晶微电子有限公司 版权所有
www.EGmicro.com
11 / 21
7.4. 降压效率曲线,充电效率 VS 电池电流
7.5. 降压效率曲线,充电效率 VS 电池电压
91.00%
92.00%
93.00%
94.00%
95.00%
96.00%
97.00%
98.00%
0
0.5
1
1.5
2
2.5
3
3.5
4
输入4.8V
输入5V
输入5.2V
92.50%
93.00%
93.50%
94.00%
94.50%
95.00%
95.50%
96.00%
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
输入5V3A
输入5V2A
输入5V1A
输入5V0.5A
电池电流(A)
电池电压(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com