Electronic Components Datasheet Search
  English  ▼

X  

EG1503 Datasheet(PDF) 13 Page - Jingjing Microelectronics Co., Ltd

Part # EG1503
Description  Programmable Power ChIp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd

EG1503 Datasheet(HTML) 13 Page - Jingjing Microelectronics Co., Ltd

Back Button EG1503 Datasheet HTML 9Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 10Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 11Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 12Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 13Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 14Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 15Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 16Page - Jingjing Microelectronics Co., Ltd EG1503 Datasheet HTML 17Page - Jingjing Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
屹晶微电子有限公司
EG1503 芯片用户手册 V1.4
可编程电源芯片
2014 © 屹晶微电子有限公司 版权所有
www.EGmicro.com
13 / 21
b1011010 和写操作位 bit0 为“0”。
2.发 EG1503 的内部寄存器地址 0x00~0x0D,指定哪个寄存器进行读数据。
3.再发 EG1503 的读操作地址 0xB5 h,读上述指定好的寄存器。
4.读数据。如果连续读多个地址的数据,第一个字节数据为前面给出的配置
寄存器起始地址对应的数据,后面的数据是地址依次加 1 所对应的配置寄存器
数据。直到响应位为 1,或者总线 start/stop,停止读数据。
8.2. 配置控制寄存器
寄存
器地
址
(Hex)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
上电
复位值
(二进制)
0x00
SHORTO
W1
K1
H1
G1
C1
B1
A1
11000000
0x01
REFB3
REFB2
REFB1
REFB0
REFA3
REFA2
REFA1
REFA0
00000110
0x02
GV2
GV1
REFC5
REFC4
REFC3
REFC2
REFC1
REFC0
00100111
0x03
IAPSET2
IAPSET1
REFD5
REFD4
REFD3
REFD2
REFD1
REFD0
00100111
0x04
ICOMP2
ICOMP1
ICOMP0
SD2
SD1
SD0
REFE1
REFE0
00000000
0x05
G2
ISET2
ISET1
N2
N1
CLK2
CLK1
CLK0
00000000
0x06
OCP2SET2
OCP2SET1
REFG2
REFG1
REFG0
REFF2
REFF1
REFF0
00000000
0x07
SLOPECTL
OCP2EN
DT2
DT1
DT0
MOC2
MOC1
MOC0
00000000
0x08
GVSEL
OVPEN
OVPSEL
Y2
Y1
LEDI2
LEDI1
LEDI0
00000000
0x09
-
-
BLED
LEDCTL4
LEDCTL3
LEDCTL2
LEDCTL1
LEDCTL0
00000000
0x0A
SCP
_EN1
SCP
_EN0
LED
_EN
PMOS
_EN
NMOS
_EN
OCP
_EN
ADC
_EN
SLP
_EN
00000001
0x0B
EOC
CONV
PRE2
PRE1
PRE0
ADSEL2
ADSEL1
ADSEL0
00000000
0x0C
AVE1
AVE0
-
-
-
-
ADC_D1
ADC_D0
00000000
0x0D
ADC_D9
ADC_D8
ADC_D7
ADC_D6
ADC_D5
ADC_D4
ADC_D3
ADC_D2
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com