Electronic Components Datasheet Search
  English  ▼

X  

GPL16258VB Datasheet(PDF) 5 Page - Generalplus Technology Inc.

Part # GPL16258VB
Description  Advanced Virtual 3D Game / ELA SoC with u nSP 2.0
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL16258VB Datasheet(HTML) 5 Page - Generalplus Technology Inc.

  GPL16258VB Datasheet HTML 1Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 2Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 3Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 4Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 5Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 6Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 7Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 8Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
GPL16258VB
© Generalplus Technology Inc.
Proprietary & Confidential
5
Nov. 24, 2016
Version: 1.0
4. SIGNAL DESCRIPTIONS
Left Side
No
Package No
Name
Group
Type
Normal Function Description
GPIO Group
1
2
DVSS
Digital GND
P
Digital ground
2
3
BKCSB0
Memory I/F
I/O
External memory chip select 0
IOD0
3
4
XA3
Memory I/F
I/O
External memory address pin 3
4
5
XA2
Memory I/F
I/O
External memory address pin 2
5
6
XA1
Memory I/F
I/O
External memory address pin 1
6
7
BKCSB1
Memory I/F
I/O
External memory chip select 1
IOD1
7
8
XA0
Memory I/F
I/O
External memory address pin 0
8
9
XA10
Memory I/F
I/O
External memory address pin 10
9
10
XA11
Memory I/F
I/O
External memory address pin 11
10
11
BKCSB2
Memory I/F
I/O
External memory chip select 2
IOD2
11
12
XA12
Memory I/F
I/O
External memory address pin 12
12
13
XA13
Memory I/F
I/O
External memory address pin 13
13
14
XA14
Memory I/F
I/O
External memory address pin 14
14
15
DVCC33
Digital PWR
P
3.3V digital power
15
16
DVSS
Digital GND
P
Digital ground
16
17
DVCC18
Digital PWR
P
1.8V digital power
17
18
BKWEB
Memory I/F
I/O
External memory write enable pin
18
19
BKOEB
Memory I/F
I/O
External memory output enable pin
19
20
XA15
Memory I/F
I/O
External memory address pin 15
IOD7
20
21
XA16
Memory I/F
I/O
External memory address pin 16
IOD8
21
22
XA17
Memory I/F
I/O
External memory address pin 17
IOD9
22
23
XA18
Memory I/F
I/O
External memory address pin 18
IOD10
23
24
XA19
Memory I/F
I/O
External memory address pin 19
IOD11
24
25
XA20
Memory I/F
I/O
External memory address pin 20
IOD12
25
26
XA21
Memory I/F
I/O
External memory address pin 21
IOD13
26
27
XA22
Memory I/F
I/O
External memory address pin 22
IOD14
27
28
XA23
Memory I/F
I/O
External memory address pin 23
IOD15
28
29
DVSS
Digital GND
P
Digital ground
29
30
TEST
MODE
I
Test mode control signal. Input floating; it must
be tied with ground under normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com