Electronic Components Datasheet Search
  English  ▼

X  

GPL16258VB Datasheet(PDF) 11 Page - Generalplus Technology Inc.

Part # GPL16258VB
Description  Advanced Virtual 3D Game / ELA SoC with u nSP 2.0
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL16258VB Datasheet(HTML) 11 Page - Generalplus Technology Inc.

Back Button GPL16258VB Datasheet HTML 7Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 8Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 9Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 10Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 11Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 12Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 13Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 14Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 15Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
GPL16258VB
© Generalplus Technology Inc.
Proprietary & Confidential
11
Nov. 24, 2016
Version: 1.0
5. FUNCTIONAL DESCRIPTIONS
5.1. CPU
The GPL16258VB is equipped with a 16-bit
’nSP™ 2.0, the
newest 16-bit microprocessor by SUNPLUS and pronounced as
micro-n-SP.
Sixteen registers are involved in
’nSP™ 2.0: R1 -
R4 (General-purpose registers), PC (Program Counter), SP (Stack
Pointer), Base Pointer (BP), SR (Segment Register) and R8 - R15
(General-purpose register).
The interrupt include three FIQs
(Fast Interrupt Request) and eight IRQs (Interrupt Request), plus
one software-interrupt, BREAK.
GPL16258VB is also built-in a
4K bytes I-cache which can increase the performance significantly.
5.2. Memory
5.2.1. Internal SRAM
The amount of SRAM is 12K-word (including Stack), ranged from
0x0000 through 0x2FFF with access speed of one CPU clock.
Since this SRAM is located in CPU’s locale bus, the system bus
will not be occupied when this SRAM is accessed by CPU.
This
SRAM can be access freely by CPU/PPU/DMA /LCD.
5.2.2. External memory
The memory space is separated into 5 banks and each bank can
be up to 256 pages with 64K words per page.
It supports up to
80M words NOR type flash memories.
Each bank can be
programmed as SDRAM/ROM/SRAM/NOR Flash/NAND Flash.
GPL16258VB can support up-to 64M bytes (512Mb) SDRAM with
single chip selection.
8-bit NAND flash is supported with an
embedded 1/4/8 bits ECC calculation circuit which recognizes the
error correction mechanism on SLC/MLC NAND flash.
5.3. PLL, Clock, Power Mode
5.3.1. PLL (Phase Lock Loop)
There are three PLLs embedded in GPL16258VB.
1st PLL can
pump up to 96MHz, 2nd PLL can generate 27MHz, and 3rd PLL
can pump 12MHz.
The output frequency of fast PLL is
programmable and has range from 15MHz ~ 96MHz (3MHz per
step).
5.3.2. System clock
The system clock can be selected from 32768 or 12M or 96M
(determined
by fast PLL’s output frequency) by register setting.
Furthermore, a clock divider which can divide clock up to 1/128 is
provided to reduce the power consumption.
5.4. Power Savings Mode
The GPL16258VB provide 4 power modes, Normal, Wait, Halt and
Sleep.
Mode
CPU
System
RTC
POWEREN
After wakeup
Normal
ON
ON
ON
ON
-
Wait
OFF
ON
ON
ON
Next Instruction
Halt
OFF
OFF
ON
OFF
Reset CPU
Halt2
OFF
OFF
ON
OFF
Next Instruction
Sleep
OFF
OFF
OFF
OFF
Reset System
Enter the Wait/Halt/Halt2/Sleep mode, is done by write designated
value to designated port.
The wake-up source can be interrupt or
timer or key-change.
5.5. Picture Process Unit
GPL16258VB equips a powerful process engine which has the
following features.
Item
Features
Text
Layer
1. Maximum 4 text layers at the same time.
2. Supports text size up to 4096x4096.
3. Supports virtual 3D effect.
4. Supports Text rotate and scale effect.
5. Supports horizontal/vertical compression effect.
6. Supports horizontal movement effect.
7. Supports 64-level alpha blending.
8. Supports vertical compression under 2.5D mode.
Sprite
1. Maximum 256 sprites at the same time.
2. Maximum 4096 extended sprite at the same time.
3. Each sprite supports virtual 3D texture mapping
4. Each sprite support 64-level rotate function.
5. Each sprite supports 64-level zoom in/out function
from 1/32 to 8.75 times.
6. Each sprite supports 64-level alpha blending.
7. Each sprite supports 3 kinds of mosaic effect.
8. Supports alpha channel function.
9. All above function can combine at the same time.
Color
1. Text layer and sprites support 4/16/64/256-color
palette and RGB1555/ RGB565/ YUYV/ RGBG
bitmap mode.
2. 1024 palette entry for text layers and sprites.
3. Supports 16/24-bit level of palette index color.
Operation
Mode
1. Supports QVGA at line/frame base mode.
2. Supports VGA at line/frame base mode.
Other
Features
1. Supports light gun interface.
2. Supports sprite DMA function.
3. Supports de-flicker for TV output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com