Electronic Components Datasheet Search
  English  ▼

X  

AT45S12-2.5 Datasheet(PDF) 1 Page - DATEL, Inc.

Part # AT45S12-2.5
Description  Up to 30 Watt DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

AT45S12-2.5 Datasheet(HTML) 1 Page - DATEL, Inc.

  AT45S12-2.5 Datasheet HTML 1Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 2Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 3Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 4Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 5Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 6Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 7Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 8Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 9Page - DATEL, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 17, 2018 A.01
AT SERIES (2” x 1” Package)
Up to 30 Watt DC-DC Converter
FEATURES
Industry standard footprint (2 inch X 1 inch)
Regulated Outputs, Fixed Switching
Frequency
Up to 92 % Efficiency
4:1 Input Range
Up to 30 Watts of Power
-40°C to +85°C temperature range
Remote On/Off logic control (Option)
No Tantalum Capacitors
Continuous Short Circuit and Over Current
Protection
PRODUCT OVERVIEW
The AT series offer up to 30 watts of output power in standard 2.00 x 1.00 x 0.4 inches
packages. This series features high efficiency and 1500 Volts of DC isolation. The AT
series provides a 4:1 wide input voltage range of 9 to 36 or 18 to 75VDC, and delivers
accurate regulated output. These modules operate over the ambient operating
temperature range of –40°C to +85°C. These converters are fully protected against input
UVLO (Under Voltage Lock Out), over-current, over-voltage and continuous short circuit
protection. In addition, the option control functions include Positive Remote On/Off and
adjustable output voltage.
APPLICATIONS:
Distributed Power Architecture
Mobile telecommunication
Industrial applications
Battery operated equipment
AVAILABLE OPTIONS
Customizable output voltages
CE Mark 2004/108/EC certification
UL60950-1, EN60950-1, and IEC60950-1 safety
Contact DATEL for other series in 2.00" x 1.00" footprint
Cost Savings, Lower Power, Other Voltage outputs, Higher Efficiency, etc.
MODEL NUMBER
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT MAX
EFFICIENCY %
LOAD REGULATION
LINE REGULATION
AT22S3.3-7.5
9-36 VDC
3.3VDC
7.5 A
88
± 0.5 %
± 0.2 %
AT22S5-6
9-36 VDC
5.0 VDC
6 A
89
± 0.5 %
± 0.2 %
AT22S12-2.5
9-36 VDC
12 VDC
2.5 A
91
± 0.5 %
± 0.2 %
AT22S15-2
9-36 VDC
15 VDC
2 A
91
± 0.5 %
± 0.2 %
AT22D12-1.25
9-36 VDC
±12 VDC
±1.25 A
87
±1 %
± 0.5 %
AT22D15-1
9-36 VDC
±15 VDC
±1 A
88
±1 %
± 0.5 %
AT45S3.3-7.5
18-75VDC
3.3 VDC
7.5 A
87
± 0.5 %
± 0.2 %
AT45S5-6
18-75VDC
5 VDC
6 A
89
± 0.5 %
± 0.2 %
AT45S12-2.5
18-75VDC
12 VDC
2.5 A
91
± 0.5 %
± 0.2 %
AT45S15-2
18-75VDC
15 VDC
2 A
92
± 0.5 %
± 0.2 %
AT45D12-1.25
18-75VDC
±12 VDC
±1.25 A
91
±1 %
± 0.5 %
AT45D15-1
18-75VDC
±15 VDC
±1 A
92
±1 %
± 0.5 %
FUNCTIONAL BLOCK DIAGRAM
Page
1 of 16


Similar Part No. - AT45S12-2.5

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
AT45S12-2.5 DATEL-AT45S12-2.5 Datasheet
136Kb / 1P
(2 inch X 1 inch), AT series, 12 Volts Output
More results

Similar Description - AT45S12-2.5

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMPL-UZ10A AIMTEC-AMPL-UZ10A Datasheet
609Kb / 9P
Up to 50 Watt | DC-DC Converter
AMPL-UZ16A AIMTEC-AMPL-UZ16A Datasheet
595Kb / 9P
Up to 80 Watt | DC-DC Converter
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ Datasheet
235Kb / 3P
Up to 12 Watt | DC-DC Converter
AMSR1-78Z AIMTEC-AMSR1-78Z Datasheet
258Kb / 3P
Up to 5 Watt | DC-DC Converter
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ Datasheet
252Kb / 3P
Up to 7.5 Watt | DC-DC Converter
AMSRW-78Z AIMTEC-AMSRW-78Z Datasheet
294Kb / 3P
Up to 7.5 Watt | DC-DC Converter
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ Datasheet
232Kb / 4P
Up to 13 Watt | DC-DC Converter
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_1 Datasheet
304Kb / 4P
Up to 7.5 Watt | DC-DC Converter
logo
DATEL, Inc.
AT45D15-0.5 DATEL-AT45D15-0.5 Datasheet
1Mb / 15P
Up to 15 Watt DC-DC Converter
FBSERIES DATEL-FBSERIES Datasheet
1Mb / 17P
Up to 600 Watt DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com