Electronic Components Datasheet Search
  English  ▼

X  

AT45S12-2.5 Datasheet(PDF) 2 Page - DATEL, Inc.

Part # AT45S12-2.5
Description  Up to 30 Watt DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

AT45S12-2.5 Datasheet(HTML) 2 Page - DATEL, Inc.

  AT45S12-2.5 Datasheet HTML 1Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 2Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 3Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 4Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 5Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 6Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 7Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 8Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 9Page - DATEL, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
January 17, 2018 A.01
AT SERIES (2” x 1” Package)
Up to 30 Watt DC-DC Converter
ABSOLUTE MAXIMUM RATINGS
Parameters
Conditions
Model
Min.
Typical
Max.
Units
Input Voltage
Continuous
DC
24Vin
0
36
Volts
48Vin
0
75
Transient
100ms, DC
24Vin
50
Volts
48Vin
100
Operating Ambient Temperature
Derating, Above 78
℃
All
-40
+85
℃
Case Temperature
All
+105
℃
Storage Temperature
All
-55
+125
℃
Input / Output Isolation Voltage
1 minute
All
1500
Volts
INPUT CHARACTERISTICS
Note: All specifications are typical at nominal input, full load at 25
℃unlessotherwisenoted
Parameters
Conditions
Model
Min.
Typical
Max.
Units
Operating Input Voltage
24Vin
9
24
36
Volts
48Vin
18
48
75
Maximum Input Current
100% Load, Vin =9V
24Vin
3800
mA
100% Load, Vin =18V
48Vin
1900
No-Load Input Current
Vin =Nominal input
AT22S3.3-7.5
100
mA
AT22S5-6
110
AT22S12-2.5
50
AT22S15-2
50
AT22D12-1.25
60
AT22D15-1
60
AT45S3.3-7.5
50
AT45S5-6
50
AT45S12-2.5
30
AT45S15-2
30
AT45D12-1.25
40
AT45D15-1
40
Input UnderVoltage Lockout
Turn-On Voltage Threshold
24Vin
48 Vin
8
16.5
8.5
17
8.8
17.5
VDC
VDC
Turn-Off Voltage Threshold
24Vin
48 Vin
7.7
15.5
8.5
16
8.8
16.5
VDC
VDC
Lockout Hysteresis Voltage
24Vin
48 Vin
0.5
0.9
VDC
Inrush Current (I2t)
AT per ETS300 132-2
All
0.1
A2s
Input Reflected-Ripple Current
P-P thru 12uH inductor, 5Hz to 20MHz
All
30
mA
Page
2 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com