Electronic Components Datasheet Search
  English  ▼

X  

AT45S12-2.5 Datasheet(PDF) 4 Page - DATEL, Inc.

Part # AT45S12-2.5
Description  Up to 30 Watt DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

AT45S12-2.5 Datasheet(HTML) 4 Page - DATEL, Inc.

  AT45S12-2.5 Datasheet HTML 1Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 2Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 3Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 4Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 5Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 6Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 7Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 8Page - DATEL, Inc. AT45S12-2.5 Datasheet HTML 9Page - DATEL, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
January 17, 2018 A.01
AT SERIES (2” x 1” Package)
Up to 30 Watt DC-DC Converter
FEATURE CHARACTERISTICS
Parameters
Conditions
Model
Min.
Typical
Max.
Units
Efficiency 100% Load
Vin =24 Vdc, Io = Io_max, Tc=25
℃
AT22S3.3-7.5
87
%
AT22S5-6
90
AT22S12-2.5
91
AT22S15-2
92
AT22D12-1.25
91
AT22D15-1
92
Vin =48 Vdc, Io = Io_max, Tc=25
℃
AT45S3.3-7.5
88
%
AT45S5-6
90
AT45S12-2.5
90
AT45S15-2
91
AT45D12-1.25
90
AT45D15-1
91
ISOLATION CHARACTERISTICS
Input to Output
1 minutes
All
1500
Volts
Isolation Resistance
All
1000
MΩ
Isolation Capacitance
All
1000
pF
Switching Frequency
Vin=24V
430
KHz
Vin=48
430
On/Off Control (Option P) , Positive Remote On/Off logic
Logic High (Module On)
Von/off at Ion/off=0.1uA
All
3.5 or
Open
Circui
t
75
Volts
Logic Low (Module Off)
Von/off at Ion/off=0.1uA
All
1.2
Volts
Output Voltage Trim range (Option T)
At rated Power
All
-10
+10
%
ON/OFF Current
Ion/off at Von/off=0.0V
0.3
1
mA
Leakage Current
Logic High, Von/off=15V
30
µA
Output Over Voltage Protection
Zener or TVS Clamp
Vo=3.3V
3.9
VDC
Vo=5V
6.2
Vo=12V
15
Vo=15V
18
Vo=±12V
±15
Vo=±15V
±18
MTBF
Io =100%of Io_max;Ta=25
℃perMIL-HDBK-217F SingleDual
900
650
K hours
Weight
All
35
grams
Page
4 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com