Electronic Components Datasheet Search
  English  ▼

X  

SC2803 Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC2803
Description  3W high power white LED driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC2803 Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC2803 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2803 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2803 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2803 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2803 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2803 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2803 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC2803(文件编号:S&CIC0815)
3W 高功率白光 LED 驱动器
第 2 页 共 7 页
五、
原理框图
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Num ber
Revision
Size
B
Date:
24-Mar-2010
Sheet
of
File:
E:\规格书\规格图\规格图-0\ZBO\SC2801.ddb
Drawn By :
95mV
Reference
+
-
A1
+
-
A2
∑
Ramp
Generator
1.0MHz
Oscillator
Shutdow n
And
Soft-start
PWM Logic
And Driv er
+
-
FB
SHDN
Rc
Cc
Comparator
VOUT
VIN
SW
GND
六、
引脚定义与市场信息
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Num ber
Revision
Size
B
Date:
24-Mar-2010
Sheet
of
File:
E:\规格书\规格图\规格图-0\ZBO\SC2801.ddb
Drawn By :
XX V Y W
1
2
3
4
5
6
SOT23-6
XX: Product Code
V: Voltage Code
Y: Year
W: Weekly
序号
名称
功能
1
SW
开关
2
GND
地
3
FB
反馈
4
SHDN
关闭
5
VOUT
输出
6
VIN
输入



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com