Electronic Components Datasheet Search
  English  ▼

X  

APM2701 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # APM2701
Description  Dual MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

APM2701 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  APM2701 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 8Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Transistors
www.kexin.com.cn
1
MOSFET
SMD Type
Dual MOSFET (N and P Channel)
APM2701
Features
N-Channel
VDS=20V ID=3A
RDS(ON) < 70m
(typ.) @ VGS=4.5V
RDS(ON) < 110m
(typ.) @ VGS=2.5V
P-Channel
VDS=-20V ID=-1.5A
RDS(ON) < 190m
(typ.) @ VGS=-4.5V
RDS(ON) < 235m
(typ.) @ VGS=-2.5V
Super High Dense Cell Design
Reiable and Rugged
1
2
3
4
5
6
Unit: mm
0.15 +0.02
-0.02
SOT-23-6
()
+0.01
-0.01
+0.2
-0.1
0.4 -0.1
+0.1
1 Gate1
2 Source2
3 Gate2
4 Drain2
5 Source1
6 Drain1
N-Channel MOSFET
(1)G1
(5)S1
(6)D1
P-Channel MOSFET
(3)G2
(4)D2
(2)S2
Absolute Maximum Ratings (Ta = 25
unless otherwise noted)
Symbol
N-Channel P-Channel
Unit
VDS
20
-20
VGS
±10
±10
Continuous Drain Current
ID *
3
-1.5
300 s Pulsed Drain Current
IDM *10
-6
IS *1
-1
Ta=25
Ta=100
RthJA *
/W
TJ
Tstg
Note: * Surface Mounted on 1 in
2 pad area, t
10sec.
PD *W
0.83
0.3
150
-55 to 150
V
150
A
Storage Temperature Range
Drain-Source Voltage
Gate-Source Voltage
Parameter
VGS=
±4.5V
Diode Continuous Forward Current
Power Dissipation
Thermal Resistance.Junction- to-Ambient
Junction Temperature
Marking Information
APM2701:
M71X
XXXXX - Date Code


Similar Part No. - APM2701

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
APM2701AC SINOPWER-APM2701AC Datasheet
208Kb / 15P
Dual Enhancement Mode MOSFET (N- and P-Channel)
logo
VBsemi Electronics Co.,...
APM2701AC VBSEMI-APM2701AC Datasheet
2Mb / 10P
N- and P-Channel V (D-S) MOSFET
logo
Sinopower Semiconductor...
APM2701ACC-TRG SINOPWER-APM2701ACC-TRG Datasheet
208Kb / 15P
Dual Enhancement Mode MOSFET (N- and P-Channel)
logo
VBsemi Electronics Co.,...
APM2701ACC-TRG VBSEMI-APM2701ACC-TRG Datasheet
1Mb / 10P
N- and P-Channel V (D-S) MOSFET
logo
Anpec Electronics Corop...
APM2701CG ANPEC-APM2701CG Datasheet
231Kb / 13P
Dual Enhancement Mode MOSFET (N and P-Channel)
More results

Similar Description - APM2701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372 TI-SN75372 Datasheet
164Kb / 11P
DUAL MOSFET DRIVER
logo
New Jersey Semi-Conduct...
3N200 NJSEMI-3N200 Datasheet
88Kb / 1P
DUAL-GATE MOSFET
3N204 NJSEMI-3N204 Datasheet
165Kb / 1P
DUAL-GATE MOSFET
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
Dual MOSFET Driver
logo
New Jersey Semi-Conduct...
40673 NJSEMI-40673_13 Datasheet
87Kb / 1P
DUAL-GATE MOSFET
logo
Texas Instruments
SN75372PSR TI1-SN75372PSR Datasheet
735Kb / 19P
DUAL MOSFET DRIVER
logo
Digitron Semiconductors
3N204 DIGITRON-3N204 Datasheet
121Kb / 2P
DUAL GATE MOSFET
logo
Unisonic Technologies
UTT30NP30 UTC-UTT30NP30 Datasheet
182Kb / 5P
DUAL POWER MOSFET
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
DUAL MOSFET DRIVER
JULY 1986
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com