Electronic Components Datasheet Search
  English  ▼

X  

APM2701 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # APM2701
Description  Dual MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

APM2701 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  APM2701 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 8Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Transistors
www.kexin.com.cn
4
MOSFET
SMD Type
Dual MOSFET (N and P Channel)
APM2701
Drain-Source On Resistance
ID - Drain Current (A)
Tj - Junction Temperature (°C)
Gate Threshold Voltage
VDS - Drain - Source Voltage (V)
Output Characteristics
Transfer Characteristics
VGS - Gate - Source Voltage (V)
01234
5
0
2
4
6
8
10
12
2.5V
2V
1.5V
V
GS
= 3,4,5,6,7,8,9,10V
02468
10
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
V
GS
=2.5V
V
GS
=4.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0
1
2
3
4
5
6
7
8
9
10
T
j
=125
oC
T
j
=25
oC
T
j
=-55
oC
-50
-25
0
25
50
75
100 125 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
I
DS
=250 A
Typical Characterisitics (Cont.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com