Electronic Components Datasheet Search
  English  ▼

X  

APM2701 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # APM2701
Description  Dual MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

APM2701 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  APM2701 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 8Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Transistors
www.kexin.com.cn
3
MOSFET
SMD Type
Dual MOSFET (N and P Channel)
APM2701
1E-4
1E-3
0.01
0.1
1
10 30
0.01
0.1
1
2
Mounted on 1in
2 pad
R
JA
: 150
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
VDS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave PulseDuration(sec)
Power Dissipation
Tj - Junction Temperature (°C)
0
20
40
60
80
100 120 140 160
0.0
0.2
0.4
0.6
0.8
1.0
N-Channel
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.1
1
10
100
0.01
0.1
1
10
50
Rds(on)
Lim
it
1s
T
A
=25
oC
10ms
300 s
1ms
100ms
DC
Typical Characterisitics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com