Electronic Components Datasheet Search
  English  ▼

X  

GS2989 Datasheet(PDF) 5 Page - Semtech Corporation

Part # GS2989
Description  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2989 Datasheet(HTML) 5 Page - Semtech Corporation

  GS2989 Datasheet HTML 1Page - Semtech Corporation GS2989 Datasheet HTML 2Page - Semtech Corporation GS2989 Datasheet HTML 3Page - Semtech Corporation GS2989 Datasheet HTML 4Page - Semtech Corporation GS2989 Datasheet HTML 5Page - Semtech Corporation GS2989 Datasheet HTML 6Page - Semtech Corporation GS2989 Datasheet HTML 7Page - Semtech Corporation GS2989 Datasheet HTML 8Page - Semtech Corporation GS2989 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
GS2989
Final Data Sheet
Rev.6
GENDOC-052133
July 2015
5 of 20
Semtech
www.semtech.com
7*
DISABLE2
Input
Control signal input.
When set LOW, the second serial data output is disabled (powered-down) and the
SDO2/SDO2 pins are set to high-impedance.
When set HIGH, the SDO2/SDO2 pins will output a serial data signal.
Note: if this pin is left floating, the second serial data output will be disabled.
9,10
SDO2/
SDO2
Output
Serial data differential output of second output buffer.
11,12
SDO1/
SDO1
Output
Serial data differential output of first output buffer.
14
OSP
Output
Output signal presence status signal output.
Signal levels are LVCMOS/LVTTL compatible.
Indicates presence of a valid output signal.
When the OSP pin is LOW, a good input signal has been detected within the output
stage pre-driver.
When this pin is HIGH, the output signal is invalid at the output of the pre-driver.
15
SD/HD
Input
Control signal input.
When set HIGH, the serial data outputs will meet the SMPTE 259M rise/fall time
specification.
When set LOW, the serial outputs will meet the SMPTE 292M and SMPTE 424M rise/fall
time specification.
Note: if this pin is left floating, the serial data outputs will meet the SMPTE 259M
rise/fall time specification.
16
EQ_EN
Input
Control signal input.
When set LOW, trace-equalization is turned ON.
When set HIGH, trace-equalization is turned OFF.
Note 1: if this pin is left floating, trace-equalization is turned OFF.
Note 2: this pin must be pulled HIGH or left floating for operation in SD mode.
—
Center Pad
Power
Connect to most negative power supply plane following the recommendations in
Recommended PCB Footprint on page 17.
*
Note: When pins 6 and 7 are driven LOW together (or similarly when pin 6 is driven LOW while pin 7 is left floating), the entire device is
powered-down. In this state, minimum power consumption occurs.
Table 1-1: Pin Descriptions (Continued)
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com