Electronic Components Datasheet Search
  English  ▼

X  

GS2989 Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS2989
Description  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2989 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS2989 Datasheet HTML 3Page - Semtech Corporation GS2989 Datasheet HTML 4Page - Semtech Corporation GS2989 Datasheet HTML 5Page - Semtech Corporation GS2989 Datasheet HTML 6Page - Semtech Corporation GS2989 Datasheet HTML 7Page - Semtech Corporation GS2989 Datasheet HTML 8Page - Semtech Corporation GS2989 Datasheet HTML 9Page - Semtech Corporation GS2989 Datasheet HTML 10Page - Semtech Corporation GS2989 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
GS2989
Final Data Sheet
Rev.6
GENDOC-052133
July 2015
7 of 20
Semtech
www.semtech.com
2.3 AC Electrical Characteristics
Supply Current
IS
1 channel, VCC = 3.3V
—
56
64
mA
1
1 channel, VCC = 2.5V
—
54
61
mA
1
2 channels, VCC = 3.3V
—
86
98
mA
1
2 channels, VCC = 2.5V
—
82
92
mA
1
Power-down
—
1
1.8
mA
1
Output Voltage
VCMOUT
Common mode
—
VTERM - VOUT
—V
—
Input Voltage
VCMIN
Common mode
1.4 +
ΔVDDI/2
—
VCC - ΔVDDI/2
V—
SD/HD, DISABLE,
EQ_EN Input
VIH
IIH <= 150μA
1.7
—
—
V
—
VIL
IIL <= 150μA
——
0.4
V
—
OSP Drive Strength
—
—
2
—
—
mA
—
Notes:
1. Power consumed in GS2989 only. Termination resistors draw extra current with output swing = 800mV.
Table 2-2: DC Electrical Characteristics (Continued)
VCC = 3.3V ±5% or 2.5V ±5%; TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Table 2-3: AC Electrical Characteristics
VCC = 3.3V ±5% or 2.5V ±5%; TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRSDO
—.27
—
2.97
Gb/s
1
Additive jitter
—
2.97Gb/s
—
10
—
pspp
2
—
1.485Gb/s
—
10
—
pspp
2
—
270Mb/s
—
30
—
pspp
2
Rise/Fall time
tr, tf
SD/HD=0
—
—
135
ps
3
tr, tf
SD/HD=1
400
—
800
ps
3
Mismatch in rise/fall time
tr,
tf
HD/3G modes only
—
—
35
ps
—
Duty cycle distortion
—SD/HD=0, 2.97Gb/s
—
—
14
ps
4, 5
—SD/HD=0, 1.485Gb/s
—
—
20
ps
4, 5
—SD/HD=1
—
—
50
ps
4, 5
Overshoot
—
SD/HD=0,
—
—
10
%
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com