Electronic Components Datasheet Search
  English  ▼

X  

GS2989 Datasheet(PDF) 10 Page - Semtech Corporation

Part # GS2989
Description  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2989 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button GS2989 Datasheet HTML 6Page - Semtech Corporation GS2989 Datasheet HTML 7Page - Semtech Corporation GS2989 Datasheet HTML 8Page - Semtech Corporation GS2989 Datasheet HTML 9Page - Semtech Corporation GS2989 Datasheet HTML 10Page - Semtech Corporation GS2989 Datasheet HTML 11Page - Semtech Corporation GS2989 Datasheet HTML 12Page - Semtech Corporation GS2989 Datasheet HTML 13Page - Semtech Corporation GS2989 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
GS2989
Final Data Sheet
Rev.6
GENDOC-052133
July 2015
10 of 20
Semtech
www.semtech.com
4. Detailed Description
4.1 Serial Data Input
The GS2989 features a differential input buffer with on-chip 100
Ω differential
termination.
The serial data input signal is connected to the DDI and DDI input pins of the device.
Input signals can be single-ended or differential, DC or AC-coupled.
The serial data input buffer is capable of operation with any binary coded signal that
meets the input signal level requirements, in the range of 270Mb/s to at least 2.97Gb/s.
The input circuit is self-biasing to allow for simple AC or DC-coupling of input signals to
the device.
4.2 Input Trace-Equalization
The GS2989 features fixed trace-equalization to compensate for PCB trace dielectric
losses.
Note: This feature is not available in SD mode, and therefore trace-equalization must be
disabled when operating in this mode.
The trace-equalization has two settings, OFF and ON. ON invokes a typical 3dB gain
value at 1.5GHz. This value is optimized for compensating the high-frequency losses
associated with approximately 10 inches of 5-mil stripline in FR4 material.
4.3 Serial Data Output
The GS2989 features dual current-mode differential output drivers capable of driving up
to 1800mVpp single-ended into a 1m length of 75
Ω cable terminated at both ends.
The output signal amplitude or swing is user configurable using an external RSET
resistor.
The SDO1/SDO1 and SDO2/SDO2 pins of the device provide the serial data outputs.
Table 4-1: Input Trace-Equalization
EQ_EN
Function
0
Typical 3dB Trace Equalization
1
Trace Equalization OFF
Floating
Trace Equalization OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com