Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 147 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 147 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 143Page - Semtech Corporation GS3471 Datasheet HTML 144Page - Semtech Corporation GS3471 Datasheet HTML 145Page - Semtech Corporation GS3471 Datasheet HTML 146Page - Semtech Corporation GS3471 Datasheet HTML 147Page - Semtech Corporation GS3471 Datasheet HTML 148Page - Semtech Corporation GS3471 Datasheet HTML 149Page - Semtech Corporation GS3471 Datasheet HTML 150Page - Semtech Corporation GS3471 Datasheet HTML 151Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
147 of 179
Semtech
www.semtech.com
A27
PRIM_AUD_
DELAY_5
RSVD
15:9
—
—
Reserved.
DEL3_4A_5
8:0
RO
0
Primary Audio group delay data for
channels 3 and 4 [16:8].
A28
PRIM_AUD_
DELAY_6
RSVD
15:9
—
—
Reserved.
DEL3_4A_6
8:0
RO
0
Primary Audio group delay data for
channels 3 and 4 [25:17].
A29 to A2F
RSVD
RSVD
15:0
—
—
Reserved.
A30
AFNB
RSVD
15:9
—
—
Reserved.
AFNB
8:0
RO
0
Secondary group audio frame number.
A31
RATEB
RSVD
15:4
—
—
Reserved.
RATEB
3:1
RO
0
Secondary group sampling frequency for
channels 1 and 2.
ASXB
0:0
RO
0
Secondary group asynchronous mode for
channels 1 and 2.
A32
ACTB
RSVD
15:4
—
—
Reserved.
ACTB
3:0
RO
0
Secondary group active channels.
A33
SEC_AUD_
DELAY_1
RSVD
15:9
—
—
Reserved.
DEL1_2B_1
8:1
RO
0
Secondary Audio group delay data for
channels 1 and 2 [7:0].
EBIT1_2B
0:0
RO
0
Secondary Audio group delay data valid
flag for channels 1 and 2.
A34
SEC_AUD_
DELAY_2
RSVD
15:9
—
—
Reserved.
DEL1_2B_2
8:0
RO
0
Secondary Audio group delay data for
channels 1 and 2 [16:8].
A35
SEC_AUD_
DELAY_3
RSVD
15:9
—
—
Reserved.
DEL1_2B_3
8:0
RO
0
Secondary Audio group delay data for
channels 1 and 2 [25:17].
A36
SEC_AUD_
DELAY_4
RSVD
15:9
—
—
Reserved.
DEL3_4B_4
8:1
RO
0
Secondary Audio group delay data for
channels 3 and 4 [7:0].
EBIT3_4B
0:0
RO
0
Secondary Audio group delay data valid
flag for channels 3 and 4.
A37
SEC_AUD_
DELAY_5
RSVD
15:9
—
—
Reserved.
DEL3_4B_5
8:0
RO
0
Secondary Audio group delay data for
channels 3 and 4 [16:8].
Table 5-10: HD and 3G Audio Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com