Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 148 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 148 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 144Page - Semtech Corporation GS3471 Datasheet HTML 145Page - Semtech Corporation GS3471 Datasheet HTML 146Page - Semtech Corporation GS3471 Datasheet HTML 147Page - Semtech Corporation GS3471 Datasheet HTML 148Page - Semtech Corporation GS3471 Datasheet HTML 149Page - Semtech Corporation GS3471 Datasheet HTML 150Page - Semtech Corporation GS3471 Datasheet HTML 151Page - Semtech Corporation GS3471 Datasheet HTML 152Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
148 of 179
Semtech
www.semtech.com
A38
SEC_AUD_
DELAY_6
RSVD
15:9
—
—
Reserved.
DEL3_4B_6
8:0
RO
0
Secondary Audio group delay data for
channels 3 and 4 [25:17].
A39 to A3F
RSVD
RSVD
15:0
—
—
Reserved.
A40
ACSR1_2A_
BYTE0_1
ACSR1_2A_0
15:0
RO
0
Bytes 0 and 1 of audio group A channel
status for channels 1 and 2.
A41
ACSR1_2A_
BYTE2_3
ACSR1_2A_2
15:0
RO
0
Bytes 2 and 3 of audio group A channel
status for channels 1 and 2.
A42
ACSR1_2A_
BYTE4_5
ACSR1_2A_4
15:0
RO
0
Bytes 4 and 5 of audio group A channel
status for channels 1 and 2.
A43
ACSR1_2A_
BYTE6_7
ACSR1_2A_6
15:0
RO
0
Bytes 6 and 7 of audio group A channel
status for channels 1 and 2.
A44
ACSR1_2A_
BYTE8_9
ACSR1_2A_8
15:0
RO
0
Bytes 8 and 9 of audio group A channel
status for channels 1 and 2.
A45
ACSR1_2A_
BYTE10_11
ACSR1_2A_10
15:0
RO
0
Bytes 10 and 11 of audio group A channel
status for channels 1 and 2.
A46
ACSR1_2A_
BYTE12_13
ACSR1_2A_12
15:0
RO
0
Bytes 12 and 13 of audio group A channel
status for channels 1 and 2.
A47
ACSR1_2A_
BYTE14_15
ACSR1_2A_14
15:0
RO
0
Bytes 14 and 15 of audio group A channel
status for channels 1 and 2.
A48
ACSR1_2A_
BYTE16_17
ACSR1_2A_16
15:0
RO
0
Bytes 16 and 17 of audio group A channel
status for channels 1 and 2.
A49
ACSR1_2A_
BYTE18_19
ACSR1_2A_18
15:0
RO
0
Bytes 18 and 19 of audio group A channel
status for channels 1 and 2.
A4A
ACSR1_2A_
BYTE20_21
ACSR1_2A_20
15:0
RO
0
Bytes 20 and 21 of audio group A channel
status for channels 1 and 2.
A4B
ACSR1_2A_BYTE22
RSVD
15:8
—
—
Reserved.
ACSR1_2A_22
7:0
RO
0
Bytes 22 of audio group A channel status
for channels 1 and 2.
A4C to A4F
RSVD
RSVD
15:0
—
—
Reserved.
A50
ACSR3_4A_
BYTE0_1
ACSR3_4A_0
15:0
RO
0
Bytes 0 and 1 of audio group A channel
status for channels 3 and 4.
A51
ACSR3_4A_
BYTE2_3
ACSR3_4A_2
15:0
RO
0
Bytes 2 and 3 of audio group A channel
status for channels 3 and 4.
A52
ACSR3_4A_
BYTE4_5
ACSR3_4A_4
15:0
RO
0
Bytes 4 and 5 of audio group A channel
status for channels 3 and 4.
A53
ACSR3_4A_
BYTE6_7
ACSR3_4A_6
15:0
RO
0
Bytes 6 and 7 of audio group A channel
status for channels 3 and 4.
Table 5-10: HD and 3G Audio Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com