Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 144 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 144 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 140Page - Semtech Corporation GS3471 Datasheet HTML 141Page - Semtech Corporation GS3471 Datasheet HTML 142Page - Semtech Corporation GS3471 Datasheet HTML 143Page - Semtech Corporation GS3471 Datasheet HTML 144Page - Semtech Corporation GS3471 Datasheet HTML 145Page - Semtech Corporation GS3471 Datasheet HTML 146Page - Semtech Corporation GS3471 Datasheet HTML 147Page - Semtech Corporation GS3471 Datasheet HTML 148Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
144 of 179
Semtech
www.semtech.com
A0B
CFG_AUD_2
RSVD
15:12
—
—
Reserved.
SEL_PHASE_SRC
11:11
RW
0
Selects between the Primary and
Secondary embedded phase info when
FORCE_PHASE_SRC set to 1.
0 = Use primary group phase information
1 = Use secondary group phase
information
FORCE_PHASE_SRC
10:10
RW
0
Phase source override:
0 = Auto phase source selection
1 = Manually set the phase source using
SEL_PHASE_SRC
RSVD
9:8
—
—
Reserved.
FORCE_M
7:7
RW
0
Disables auto-detection of M value and
forces it to the state specified by the
FORCE_MEQ1001 signal.
FORCE_MEQ1001
6:6
RW
0
Specifies M value when FORCE_M is set:
0 = M is 1.000
1 = M is 1.001
IGNORE_PHASE
5:5
RW
0
When HIGH, causes the HD_DEMUX to
ignore the embedded clock info in both
the Primary and Secondary group audio
data packets. Clock is generated based on
the video format and M value.
FORCE_ACLK128
4:4
RW
0
When HIGH, causes the HD_DEMUX to
ignore embedded clock info and derive
phase information from ACLK128.
EN_NOT_LOCKED
3:3
RW
0
Interrupt mask enable. When enabled,
interrupt will assert when locked is not
asserted.
EN_NO_VIDEO
2:2
RW
0
Interrupt mask enable. When enabled,
interrupt will assert when the video format
is unknown.
EN_INVALID_
EMBEDDED_
PHASE_B
1:1
RW
0
Interrupt mask enable for
INVALID_EMBEDDED_PHASE_B.
When enabled, interrupt will assert when
INVALID_EMBEDDED_PHASE_B is set.
EN_INVALID_
EMBEDDED_
PHASE_A
0:0
RW
0
Interrupt mask enable for
INVALID_EMBEDDED_PHASE_A.
When enabled, interrupt will assert when
INVALID_EMBEDDED_PHASE_A is set.
Table 5-10: HD and 3G Audio Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com