Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 140 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 140 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 136Page - Semtech Corporation GS3471 Datasheet HTML 137Page - Semtech Corporation GS3471 Datasheet HTML 138Page - Semtech Corporation GS3471 Datasheet HTML 139Page - Semtech Corporation GS3471 Datasheet HTML 140Page - Semtech Corporation GS3471 Datasheet HTML 141Page - Semtech Corporation GS3471 Datasheet HTML 142Page - Semtech Corporation GS3471 Datasheet HTML 143Page - Semtech Corporation GS3471 Datasheet HTML 144Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
140 of 179
Semtech
www.semtech.com
A04
AUD_DET1
RSVD
15:13
—
—
Reserved.
IDB_READBACK
12:11
RO
1
Actual value of IDB in the hardware.
IDA_READBACK
10:9
RO
0
Actual value of IDA in the hardware.
ADPG8_DET
8:8
RO
0
Set to 1 and remains set while Group 8
audio data packets are detected. Goes to 0
if none are detected for more than 1 frame.
ADPG7_DET
7:7
RO
0
Set to 1 and remains set while Group 7
audio data packets are detected. Goes to 0
if none are detected for more than 1 frame.
ADPG6_DET
6:6
RO
0
Set to 1 and remains set while Group 6
audio data packets are detected. Goes to 0
if none are detected for more than 1 frame.
ADPG5_DET
5:5
RO
0
Set to 1 and remains set while Group 5
audio data packets are detected. Goes to 0
if none are detected for more than 1 frame.
ADPG4_DET
4:4
RO
0
Set to 1 and remains set while Group 4
audio data packets are detected. Goes to 0
if none are detected for more than 1 frame.
ADPG3_DET
3:3
RO
0
Set to 1 and remains set while Group 3
audio data packets are detected. Goes to 0
if none are detected for more than 1 frame.
ADPG2_DET
2:2
RO
0
Set to 1 and remains set while Group 2
audio data packets are detected. Goes to 0
if none are detected for more than 1 frame.
ADPG1_DET
1:1
RO
0
Set to 1 and remains set while Group 1
audio data packets are detected. Goes to 0
if none are detected for more than 1 frame.
ACS_APPLY_WAIT
0:0
RO
0
Set while output channels 1 and 2 are
waiting for a status boundary to apply the
ACSR[183:0] data.
A05
AUD_DET2
RSVD
15:2
—
—
Reserved.
ECCA_ERROR
1:1
ROCW
0
Primary group audio data packet error
detected.
ECCB_ERROR
0:0
ROCW
0
Secondary group audio data packet error
detected.
Table 5-10: HD and 3G Audio Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com