Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 138 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 138 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 134Page - Semtech Corporation GS3471 Datasheet HTML 135Page - Semtech Corporation GS3471 Datasheet HTML 136Page - Semtech Corporation GS3471 Datasheet HTML 137Page - Semtech Corporation GS3471 Datasheet HTML 138Page - Semtech Corporation GS3471 Datasheet HTML 139Page - Semtech Corporation GS3471 Datasheet HTML 140Page - Semtech Corporation GS3471 Datasheet HTML 141Page - Semtech Corporation GS3471 Datasheet HTML 142Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
138 of 179
Semtech
www.semtech.com
A01
(Continued)
CFG_AUD
(Continued)
IDB
4:3
RW
1
Along with EXTEND_IDB, specifies the
Secondary audio group to extract.
00b = Audio group #1 or #5
01b = Audio group #2 or #6
10b = Audio group #3 or #7
11b = Audio group #4 or #8
Note: Should IDA & EXTEND_IDA and IDB &
EXTEND_IDB be set to the same audio
group, IDA and IDB automatically revert to
their default values.
EXTEND_IDA
2:2
RW
0
0 = Primary audio group will extracted
audio groups 1, 2, 3 or 4.
1 = Primary audio group will extracted
audio groups 5, 6, 7 or 8.
IDA
1:0
RW
0
Along with EXTEND_IDA, specifies the
Primary audio group to extract.
00b = Audio group #1 or #5
01b = Audio group #2 or #6
10b = Audio group #3 or #7
11b = Audio group #4 or #8
Note: Should IDA & EXTEND_IDA and IDB &
EXTEND_IDB be set to the same audio
group, IDA and IDB automatically revert to
their default values.
A02
CFG_AUD1
RSVD
15:4
—
—
Reserved.
ECC_OFF
3:3
RW
0
When HIGH, disables ECC error correction.
ALL_DEL
2:2
RW
0
Selects deletion of all audio data and all
audio control packets:
0 = Do not delete existing audio data and
control packets
1 = Delete existing audio data and control
packets
MUTE_ALL
1:1
RW
0
Mute all output channels:
0 = Normal
1 = Muted
ACS_USE_SECOND
0:0
RW
0
Extract Audio Channel Status from second
channel pair.
Table 5-10: HD and 3G Audio Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com