Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 134 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 134 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 130Page - Semtech Corporation GS3471 Datasheet HTML 131Page - Semtech Corporation GS3471 Datasheet HTML 132Page - Semtech Corporation GS3471 Datasheet HTML 133Page - Semtech Corporation GS3471 Datasheet HTML 134Page - Semtech Corporation GS3471 Datasheet HTML 135Page - Semtech Corporation GS3471 Datasheet HTML 136Page - Semtech Corporation GS3471 Datasheet HTML 137Page - Semtech Corporation GS3471 Datasheet HTML 138Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
134 of 179
Semtech
www.semtech.com
87C
OUTPUT_
BUFFER_
CTRL_2
RSVD
15:10
—
—
Reserved.
DRIVER_POL_INV_D2A
9:9
RW
0
Input signal polarity invert within the
driver block.
DE_LEVEL_3G
8:6
RW
0
De-emphasis level control for 3G rate.
0 = 0 dB
1 = 0.6 dB
2 = 1.9 dB
3 = 3.5 dB
4 = 5.5 dB
5 = 8.0 dB
6 = 11.5 dB
7 = 17.2 dB
DE_LEVEL_HD
5:3
RW
0
De-emphasis level control for HD rate.
0 = 0 dB
1 = 0.9 dB
2 = 2.1 dB
3 = 3.7 dB
4 = 5.6 dB
5 = 8.1 dB
6 = 11.6 dB
7 = 17.4 dB
DE_LEVEL_SD
2:0
RW
0
De-emphasis level control for SD rate.
0 = 0 dB
1 = 0.8 dB
2 = 2.2 dB
3 = 3.8 dB
4 = 5.8 dB
5 = 8.2 dB
6 = 11.6 dB
7 = 17.3 dB
87D
H_16LINE_
COUNT_DS1
RSVD
15:15
—
—
Reserved.
H_16LINE_COUNT_DS1
14:0
RO
0
Current value of 16 line horizontal count 0
to 27648d±10d.
87E
M_DETECTION
_TOLERANCE
_DS1
RSVD
15:4
—
—
Reserved.
M_DETECTION_
TOLERANCE_DS1
3:0
RW
2
16 line count tolerance window horizontal
count from reference count.
87F
H_16LINE_
COUNT_DS2
RSVD
15:15
—
—
Reserved.
H_16LINE_COUNT_DS2
14:0
RO
0
Current value of 16 line horizontal count 0
to 27648d±10d.
880
M_DETECTION
_TOLERANCE
_DS2
RSVD
15:4
—
—
Reserved.
M_DETECTION_
TOLERANCE_DS2
3:0
RW
2
16 line count tolerance window horizontal
count from reference count.
881
RSVD
RSVD
15:0
—
—
Reserved.
Table 5-9: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com