Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 137 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 137 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 133Page - Semtech Corporation GS3471 Datasheet HTML 134Page - Semtech Corporation GS3471 Datasheet HTML 135Page - Semtech Corporation GS3471 Datasheet HTML 136Page - Semtech Corporation GS3471 Datasheet HTML 137Page - Semtech Corporation GS3471 Datasheet HTML 138Page - Semtech Corporation GS3471 Datasheet HTML 139Page - Semtech Corporation GS3471 Datasheet HTML 140Page - Semtech Corporation GS3471 Datasheet HTML 141Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
137 of 179
Semtech
www.semtech.com
Table 5-10: HD and 3G Audio Core CSR Descriptions
Addressh
Register Name
Parameter Name
Bit
R/W
Reset
Value
Description
A00
RSVD
RSVD
15:0
—
—
Reserved.
A01
CFG_AUD
RSVD
15:14
—
—
Reserved.
ASWLB
13:12
RW
0
Secondary group output word length.
00b = 24 bits
01b = 20 bits
10b = 16 bits
11b = Invalid
ASWLA
11:10
RW
0
Primary group output word length.
00b = 24 bits
01b = 20 bits
10b = 16 bits
11b= Invalid
AMB
9:8
RW
3
Secondary group output format selector.
00b = AES/EBU audio output
01b = Serial audio output: left justified
10b = Serial audio output: right justified
11b = I2S serial audio output
AMA
7:6
RW
3
Primary group output format selector.
00b = AES/EBU audio output
01b = Serial audio output: left justified
10b = Serial audio output: right justified
11b = I2S serial audio output
EXTEND_IDB
5:5
RW
0
0 = Secondary audio group will extracted
audio groups 1, 2, 3, or 4
1 = Secondary audio group will extracted
audio groups 5, 6, 7, or 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com