Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 135 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 135 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 131Page - Semtech Corporation GS3471 Datasheet HTML 132Page - Semtech Corporation GS3471 Datasheet HTML 133Page - Semtech Corporation GS3471 Datasheet HTML 134Page - Semtech Corporation GS3471 Datasheet HTML 135Page - Semtech Corporation GS3471 Datasheet HTML 136Page - Semtech Corporation GS3471 Datasheet HTML 137Page - Semtech Corporation GS3471 Datasheet HTML 138Page - Semtech Corporation GS3471 Datasheet HTML 139Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
135 of 179
Semtech
www.semtech.com
882
XPOINT_PD
RSVD
15:2
—
—
Reserved.
XPOINT_PD
1:0
RW
0
When PB_IB_HS_PATH_SEL = 1:
0 = Individual IB_HS_PATHS are not
powered down
1 = Powers-down the individual
IB_HS_PATHS
883
DDO_MUTE_
CTRL
RSVD
15:3
—
—
Reserved.
FORCE_DDO_
MUTE_VAL
2:2
RW
0
When FORCE_DDO_MUTE is HIGH:
0 = Sets DDO_MUTE_D2A (does not mute
DDO)
1 = Sets DDO_MUTE_D2A (mutes DDO)
FORCE_DDO_MUTE
1:1
RW
0
Forces the DDO output mute to the value
in FORCE_DDO_MUTE_VAL.
RSVD
0:0
—
—
Reserved.
884
DDO_CTRL
RSVD
15:10
—
—
Reserved.
DDO_DATA_CLKB_D2A
9:9
RW
1
0 = Selects high-speed serial clock to be
output on DDO
1 = Selects data to be output on DDO
RSVD
8:0
—
—
Reserved.
885 to 8CA
RSVD
RSVD
15:0
—
—
Reserved.
8CB
GENERAL_
STATUS
VERSION_ID
15:8
RO
0
Version ID.
SMPTE_BYPASSB_
STATUS
7:7
RO
0
Same as value that can be brought on
STAT outputs, indicates if the device is in
SMPTE_BYPASS mode:
0 = SMPTE_BYPASS mode
1 = Not in SMPTE_BYPASS mode
DVB_ASI_STATUS
6:6
RO
0
Same as value that can be brought on
STAT outputs, indicates if the device is
locked to DVB_ASI:
0 = Not locked to DVB_ASI
1 = Locked to DVB_ASI
RSVD
5:3
RO
—
Reserved.
RSVD
2:0
RO
—
Reserved.
8CC to 8CE
RSVD
RSVD
15:0
—
—
Reserved.
8CF
RASTER_
STRUC_1_DS2
RSVD
15:14
—
—
Reserved.
WORDS_PER_
ACTLINE_DS2
13:0
RO
0
Words per active line.
Table 5-9: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com