Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 160 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 160 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 156Page - Semtech Corporation GS3471 Datasheet HTML 157Page - Semtech Corporation GS3471 Datasheet HTML 158Page - Semtech Corporation GS3471 Datasheet HTML 159Page - Semtech Corporation GS3471 Datasheet HTML 160Page - Semtech Corporation GS3471 Datasheet HTML 161Page - Semtech Corporation GS3471 Datasheet HTML 162Page - Semtech Corporation GS3471 Datasheet HTML 163Page - Semtech Corporation GS3471 Datasheet HTML 164Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
160 of 179
Semtech
www.semtech.com
B0A
CFG_OUTPUT
ASWLD
15:14
RW
3
Output channels 7 and 8 word length:
00b = 24 bits
01b = 20 bits
10b = 16 bits
11b = Automatic 20-bit or 24-bit
ASWLC
13:12
RW
3
Output channels 5 and 6 word length. See
ASWLD for decoding.
ASWLB
11:10
RW
3
Output channels 3 and 4 word length. See
ASWLD for decoding.
ASWLA
9:8
RW
3
Output channels 1 and 2 word length. See
ASWLD for decoding.
AMD
7:6
RW
3
Output channels 7 and 8 format selector:
00b = AES/EBU audio output
01b = Serial audio output. Left justified;
MSB first
10b = Serial audio output. Right justified;
MSB first
11b = I
2S serial audio output
AMC
5:4
RW
3
Output channels 5 and 6 format selector.
See AMD for decoding.
AMB
3:2
RW
3
Output channels 3 and 4 format selector.
See AMD for decoding.
AMA
1:0
RW
3
Output channels 1 and 2 format selector.
See AMD for decoding.
B0B
OUTPUT_SEL_1
RSVD
15:12
—
—
Reserved.
OP4_SRC
11:9
RW
3
Output channel 4 source selector:
000b = Primary audio group channel 1
001b = Primary audio group channel 2
010b = Primary audio group channel 3
011b = Primary audio group channel 4
100b = Secondary audio group channel 1
101b = Secondary audio group channel 2
110b = Secondary audio group channel 3
111b = Secondary audio group channel 4
OP3_SRC
8:6
RW
2
Output channel 3 source selector. See
OP4_SRC for decoding.
OP2_SRC
5:3
RW
1
Output channel 2 source selector. See
OP4_SRC for decoding.
OP1_SRC
2:0
RW
0
Output channel 1 source selector. See
OP4_SRC for decoding.
Table 5-11: SD Audio Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com