Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 165 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 165 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 161Page - Semtech Corporation GS3471 Datasheet HTML 162Page - Semtech Corporation GS3471 Datasheet HTML 163Page - Semtech Corporation GS3471 Datasheet HTML 164Page - Semtech Corporation GS3471 Datasheet HTML 165Page - Semtech Corporation GS3471 Datasheet HTML 166Page - Semtech Corporation GS3471 Datasheet HTML 167Page - Semtech Corporation GS3471 Datasheet HTML 168Page - Semtech Corporation GS3471 Datasheet HTML 169Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
165 of 179
Semtech
www.semtech.com
B44
ACSR1_2A_BYTE8_9
ACSR1_2A_8
15:0
RO
0
Bytes 8 [7:0] and 9 [15:8] of audio group A
channel status for channels 1 and 2.
B45
ACSR1_2A_
BYTE10_11
ACSR1_2A_10
15:0
RO
0
Bytes 10 [7:0] and 11 [15:8] of audio group A
channel status for channels 1 and 2.
B46
ACSR1_2A_
BYTE12_13
ACSR1_2A_12
15:0
RO
0
Bytes 12 [7:0] and 13 [15:8] of audio group A
channel status for channels 1 and 2.
B47
ACSR1_2A_
BYTE14_15
ACSR1_2A_14
15:0
RO
0
Bytes 14 [7:0] and 15 [15:8] of audio group A
channel status for channels 1 and 2.
B48
ACSR1_2A_
BYTE16_17
ACSR1_2A_16
15:0
RO
0
Bytes 16 [7:0] and 17 [15:8] of audio group A
channel status for channels 1 and 2.
B49
ACSR1_2A_
BYTE18_19
ACSR1_2A_18
15:0
RO
0
Bytes 18 [7:0] and 19 [15:8] of audio group A
channel status for channels 1 and 2.
B4A
ACSR1_2A_
BYTE20_21
ACSR1_2A_20
15:0
RO
0
Bytes 20 [7:0] and 21 [15:8] of audio group A
channel status for channels 1 and 2.
B4B
ACSR1_2A_BYTE22
RSVD
15:8
—
—
Reserved.
ACSR1_2A_22
7:0
RO
0
Bytes 22 of audio group A channel status for
channels 1 and 2.
B4C to B4F
RSVD
RSVD
15:0
—
—
Reserved.
B50
ACSR3_4A_BYTE0_1
ACSR3_4A_0
15:0
RO
0
Bytes 0 [7:0] and 1 [15:8] of audio group A
channel status for channels 3 and 4.
B51
ACSR3_4A_BYTE2_3
ACSR3_4A_2
15:0
RO
0
Bytes 2 [7:0] and 3 [15:8] of audio group A
channel status for channels 3 and 4.
B52
ACSR3_4A_BYTE4_5
ACSR3_4A_4
15:0
RO
0
Bytes 4 [7:0] and 5 [15:8] of audio group A
channel status for channels 3 and 4.
B53
ACSR3_4A_BYTE6_7
ACSR3_4A_6
15:0
RO
0
Bytes 6 [7:0] and 7 [15:8] of audio group A
channel status for channels 3 and 4.
B54
ACSR3_4A_BYTE8_9
ACSR3_4A_8
15:0
RO
0
Bytes 8 [7:0] and 9 [15:8] of audio group A
channel status for channels 3 and 4.
B55
ACSR3_4A_BYTE10_11
ACSR3_4A_10
15:0
RO
0
Bytes 10 [7:0] and 11 [15:8] of audio group A
channel status for channels 3 and 4.
B56
ACSR3_4A_BYTE12_13
ACSR3_4A_12
15:0
RO
0
Bytes 12 [7:0] and 13 [15:8] of audio group A
channel status for channels 3 and 4.
B57
ACSR3_4A_BYTE14_15
ACSR3_4A_14
15:0
RO
0
Bytes 14 [7:0] and 15 [15:8] of audio group A
channel status for channels 3 and 4.
B58
ACSR3_4A_BYTE16_17
ACSR3_4A_16
15:0
RO
0
Bytes 16 [7:0] and 17 [15:8] of audio group A
channel status for channels 3 and 4.
Table 5-11: SD Audio Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com