Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 167 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 167 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 163Page - Semtech Corporation GS3471 Datasheet HTML 164Page - Semtech Corporation GS3471 Datasheet HTML 165Page - Semtech Corporation GS3471 Datasheet HTML 166Page - Semtech Corporation GS3471 Datasheet HTML 167Page - Semtech Corporation GS3471 Datasheet HTML 168Page - Semtech Corporation GS3471 Datasheet HTML 169Page - Semtech Corporation GS3471 Datasheet HTML 170Page - Semtech Corporation GS3471 Datasheet HTML 171Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
167 of 179
Semtech
www.semtech.com
B71
ACSR3_4B_BYTE2_3
ACSR3_4B_2
15:0
RO
0
Bytes 2 [7:0] and 3 [15:8] of audio group B
channel status for channels 3 and 4.
B72
ACSR3_4B_BYTE4_5
ACSR3_4B_4
15:0
RO
0
Bytes 4 [7:0] and 5 [15:8] of audio group B
channel status for channels 3 and 4.
B73
ACSR3_4B_BYTE6_7
ACSR3_4B_6
15:0
RO
0
Bytes 6 [7:0] and 7 [15:8] of audio group B
channel status for channels 3 and 4.
B74
ACSR3_4B_BYTE8_9
ACSR3_4B_8
15:0
RO
0
Bytes 8 [7:0] and 9 [15:8] of audio group B
channel status for channels 3 and 4.
B75
ACSR3_4B_BYTE10_11
ACSR3_4B_10
15:0
RO
0
Bytes 10 [7:0] and 11 [15:8] of audio group B
channel status for channels 3 and 4.
B76
ACSR3_4B_BYTE12_13
ACSR3_4B_12
15:0
RO
0
Bytes 12 [7:0] and 13 [15:8] of audio group B
channel status for channels 3 and 4.
B77
ACSR3_4B_BYTE14_15
ACSR3_4B_14
15:0
RO
0
Bytes 14 [7:0] and 15 [15:8] of audio group B
channel status for channels 3 and 4.
B78
ACSR3_4B_BYTE16_17
ACSR3_4B_16
15:0
RO
0
Bytes 16 [7:0] and 17 [15:8] of audio group B
channel status for channels 3 and 4.
B79
ACSR3_4B_BYTE18_19
ACSR3_4B_18
15:0
RO
0
Bytes 18 [7:0] and 19 [15:8] of audio group B
channel status for channels 3 and 4.
B7A
ACSR3_4B_BYTE20_21
ACSR3_4B_20
15:0
RO
0
Bytes 20 [7:0] and 21 [15:8] of audio group B
channel status for channels 3 and 4.
B7B
ACSR3_4B_BYTE22
ACSR3_4B_22
7:0
RO
0
Byte 22 of audio group B channel status for
channels 3 and 4.
B7C to B7F
RSVD
RSVD
15:0
—
—
Reserved.
B80 to
B96
RSVD
RSVD
15:8
—
—
Reserved.
ACSR_BYTE_0 to
ACSR_BYTE_22
ACSR_BYTE0 to
ACSR_BYTE22
7:0
WO
0
Audio channel status to use when
ACS_REGEN is set or when adding audio
channel status to non-AES/EBU audio. 8 bits
per register for 23 registers.
B97
RSVD
RSVD
15:0
—
—
Reserved.
Table 5-11: SD Audio Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com