Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 169 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 169 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 165Page - Semtech Corporation GS3471 Datasheet HTML 166Page - Semtech Corporation GS3471 Datasheet HTML 167Page - Semtech Corporation GS3471 Datasheet HTML 168Page - Semtech Corporation GS3471 Datasheet HTML 169Page - Semtech Corporation GS3471 Datasheet HTML 170Page - Semtech Corporation GS3471 Datasheet HTML 171Page - Semtech Corporation GS3471 Datasheet HTML 172Page - Semtech Corporation GS3471 Datasheet HTML 173Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
169 of 179
Semtech
www.semtech.com
2
EQ_CONF_REG_1
RSVD
15:12
RW
0
Reserved. Do not change.
SDI_DATA_RATE_
VALUE
11:9
RW
0
When enabled by
FORCE_SDI_DATA_RATE_VALUE.
000b = Reserved
001b = Reserved
010b = Force SD rates operation
011b = Force HD rates operation
100b = Force 3G rates operation
FORCE_SDI_DATA_
RATE_VALUE
8:8
RW
0
Forces the device to operate assuming
incoming signal is at rate specified by
SDI_DATA_RATE_VALUE.
SQUELCH_
THRESHOLD
7:0
RW
FF
Squelch Threshold
EDh to FFh = No Squelch
0h to ECh = See GS3471 Data Sheet
3
EQ_CONF_REG_2
RSVD
15:8
RW
0
Reserved. Do not change.
LAUNCH_SWING_
COMPENSATION
7:4
RW
B
Selects the upstream launch swing
compensation.
MUTE_OUTPUT_
IN_SLEEP
3:3
RW
0
Enables driving outputs in MUTE mode
when core is in SLEEP.
RSVD
2:0
RW
0
Reserved. Do not change.
4
OUT_CONF_REG_0
RSVD
15:15
RW
0
Reserved. Do not change.
OUTPUT_SWING
14:11
RW
B
Sets the output swing level (amplitude)
when the feature is enabled.
RSVD
10:10
RW
0
Reserved. Do not change.
DEEMPHASIS_DELAY
9:9
RW
0
Set the de-emphasis delay when
DEEMPHASIS_ENABLE is set to 1.
0b = 100ps
1b = 200ps
DEEMPHASIS_LEVEL
8:6
RW
0
Set the de-emphasis level when
DEEMPHASIS_ENABLE is set to 1.
RSVD
5:2
RW
0
Reserved. Do not change.
DEEMPHASIS_ENABLE
1:1
RW
0
Enable or disable the de-emphasis delay
and level set using the DEEMPHASIS_DELAY
and DEEMPHASIS_LEVEL bits.
0 = De-emphasis disabled
1 = De-emphasis enabled
RSVD
0:0
RW
0
Reserved. Do not change.
Table 5-13: Equalizer Register Descriptions
Addressh
Register Name
Parameter Name
Bit
R/W
Reseth
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com