Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 172 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 172 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 168Page - Semtech Corporation GS3471 Datasheet HTML 169Page - Semtech Corporation GS3471 Datasheet HTML 170Page - Semtech Corporation GS3471 Datasheet HTML 171Page - Semtech Corporation GS3471 Datasheet HTML 172Page - Semtech Corporation GS3471 Datasheet HTML 173Page - Semtech Corporation GS3471 Datasheet HTML 174Page - Semtech Corporation GS3471 Datasheet HTML 175Page - Semtech Corporation GS3471 Datasheet HTML 176Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
172 of 179
Semtech
www.semtech.com
7F
RESET_REG_0
RESET_CONTROL
15:8
RW
DD
Device Reset, Reverts all internal logic and
register values to defaults.
Write Values:
AAh: asserts device reset
DDh: de-assert device reset
ADh: assert/de-assert device reset in a single
write
Read Values:
AAh: user-initiated reset is asserted
DDh: user-initiated reset is de-asserted
RSVD
7:0
RW
0
Reserved. Do not change.
Table 5-13: Equalizer Register Descriptions
Addressh
Register Name
Parameter Name
Bit
R/W
Reseth
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com