Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 173 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 173 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 169Page - Semtech Corporation GS3471 Datasheet HTML 170Page - Semtech Corporation GS3471 Datasheet HTML 171Page - Semtech Corporation GS3471 Datasheet HTML 172Page - Semtech Corporation GS3471 Datasheet HTML 173Page - Semtech Corporation GS3471 Datasheet HTML 174Page - Semtech Corporation GS3471 Datasheet HTML 175Page - Semtech Corporation GS3471 Datasheet HTML 176Page - Semtech Corporation GS3471 Datasheet HTML 177Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
173 of 179
Semtech
www.semtech.com
6. Application Information
6.1 Typical Application Circuit
Figure 6-1: Typical Application Circuit
SDI
SDI
DDI
DDI
A2
A1
F1
G1
D7
F7
E8
D8
E7
H7
G7
G8
F8
H5
H3
H6
K3
J3
E1
A3
TRST
TMS
TCK
TDI
TDO
CS
SCLK
SDOUT
SDIN
RESET
JTAG_EN/DIS
BIT20/BIT10
AUDIO_EN/DIS
PWR_DWN
CT1
CT0
GS3471
XTAL
RSVD
XTAL
RBIAS
LF
A6
A5
A7
A4
C3
C
C
10nF
10nF
777
Ω
R
PLL_VDD
CORE_VDD
B3
B4
B8
A9
A10
B9
B10
C9
C10
C8
E10
E9
F10
F9
H10
H9
J10
J9
K10
K9
J8
K8
A8
DDO
DDO
WCLK
ACLK
AOUT_7_8
AOUT_5_6
AOUT_3_4
AOUT_1_2
B5
B6
C5
C6
D5
D6
K5
J4
K4
J6
K6
J5
H4
AMCLK
STAT0
STAT1
STAT2
STAT3
STAT4
STAT5
K2
K1
H1
H2
AGC
AGC
U7
27MHz
ABM8G
Y2
13
DOUT0
DOUT1
DOUT2
DOUT3
DOUT4
DOUT5
DOUT6
DOUT7
DOUT8
DOUT9
DOUT10
DOUT11
DOUT12
DOUT13
DOUT14
DOUT15
DOUT16
DOUT17
DOUT18
DOUT19
RSVD
RSVD
DDO_VDD
DDI_VDD
IO_VDD
PCLK
Power Decoupling
Place close to GS3471
Place close to GS3471
Place close to GS3471
Place close to GS3471
INTERNAL TERMINATION ON DEVICE
+2.5V
GS2988
75Ω
5.6nH
4.7μF
+2.5V
+2.5V
4.7μF
J10
C
R
L
C
U8
11
12
10
4
14
16
6
2
1
OSP
DISABLE
SDO
SDO
SD/HD*
EQ_EN
RSET
DDI
DDI
100
Ω differential controlled impedance
100
Ω differential controlled impedance
SERIAL DATA IN CH0
GS3140
DDI_VDD
1μF
BNC
+1.8V
6.2nH
75Ω
C2
C3
U5
R
L
J6
3
14
7
2
8
16
10
11
15
6
5
INT
CS
SDOUT
DDO
DDO
SCLK
SDIN
AGC
AGC
SDI
SDI
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
OUT
IN
OUT
OUT
IN
IN
IN
IN
IN
IN
IN
OUT
1μF
75
Ω controlled impedance
75
Ω controlled
impedance
10nF
10nF
10nF
10nF
DDI_VDD
DDI_VDD: Analog 1.2V
10nF
EQ_VCCA
EQ_VCCA: Analog 1.8V
10nF
10nF
EQ_VCCD
EQ_VCCD: Digital 1.8V
10nF
EQ_VCCA
EQ_VCCD
470nF
37.5Ω
1μF
C
1μF
C
R
BNC
6.2nH
75Ω
R
L
J6
4.3nH
75Ω
75
Ω controlled
impedance
C
R
L
10nF
10nF
IO_VDD
10nF
10nF
IO_VDD: Digital 1.8V or 2.5V
10nF
10nF
10nF
10nF
10nF
DDO_VDD
DDO_VDD: Analog 1.2V or 1.8V
10nF
10nF
10nF
10nF
PLL_VDD
10nF
10nF
PLL_VDD: Analog 1.2V
10nF
10nF
10nF
10nF
10nF
CORE_VDD
10nF
10nF
CORE_VDD: Digital 1.2V
10nF
10nF
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com