Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 170 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 170 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 166Page - Semtech Corporation GS3471 Datasheet HTML 167Page - Semtech Corporation GS3471 Datasheet HTML 168Page - Semtech Corporation GS3471 Datasheet HTML 169Page - Semtech Corporation GS3471 Datasheet HTML 170Page - Semtech Corporation GS3471 Datasheet HTML 171Page - Semtech Corporation GS3471 Datasheet HTML 172Page - Semtech Corporation GS3471 Datasheet HTML 173Page - Semtech Corporation GS3471 Datasheet HTML 174Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
170 of 179
Semtech
www.semtech.com
5
OUT_CONF_REG_1
RSVD
15:3
RW
0
Reserved. Do not change.
MANUAL_OUTPUT_
DISABLE
2:2
RW
0
When set to 1, powers down the output
buffer.
AUTO_OUTPUT_
MUTE
1:1
RW
0
Enable automatic muting of the output
buffer (equivalent to setting MUTE = 1)
when LOS is asserted (set to 1).
MUTE
0:0
RW
0
When set to 1, latches the two halves of the
output buffer at opposing levels.
One will be set to the level of CORE_VDD
and the other will be set to CORE_VDD –
swing amplitude (swing level set in the
OUTPUT_SWING bits of OUT_CONF_REG_0).
6
STATUS_REG_0
CABLE_LENGTH_
INDICATOR
15:8
RO
0
An 8 bit number representing cable length
in increments of 2.5m
00h = 0m (minimum value)
EFh = ~600m (maximum value)
RSVD
7:4
RO
—
Reserved. Do not change.
DETECTED_
INPUT_RATE
3:1
RO
1
Detected input data rate.
000b = Reserved
001b = Reserved
010b = 270Mb/s
011b = 1.485Gb/s
100b = 2.97Gb/s
Note: All other states are invalid.
SP
0:0
RO
0
Signal Presence (SP) Indication.
Set to 1 when a qualified signal is present at
the input to the device.
Set to 0 when such signal is not detected.
7
EQ_LOS_FILTER_
CONF_REG_0
EQ_LOS_FILTER_
SET_DELAY
15:8
RW
2
Equalizer Loss of Signal (EQ LOS) assertion
delay, in increments of approximately
25.9μs to a maximum of approximately
6.6ms.
00h = 0ms
FFh = 6.6ms
EQ_LOS_FILTER_
CLEAR_DELAY
7:0
RW
1
Loss of Signal de-assertion delay, in
increments of approximately 6.6ms to a
maximum of approximately 1.7s.
00h = 0s
FFh = 1.7s
8
LOS_FILTER_
CONF_REG_1
RSVD
15:1
RW
0
Reserved. Do not change.
LOS_FILTER_
DISABLE
0:0
RW
0
Disables Loss of Signal (LOS) Filter.
Table 5-13: Equalizer Register Descriptions
Addressh
Register Name
Parameter Name
Bit
R/W
Reseth
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com