Electronic Components Datasheet Search
  English  ▼

X  

IRF830 Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF830
Description  N-Channel PowerMESH MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF830 Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF830 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF830 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF830 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF830 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF830 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF830 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF830 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IRF830
N-Channel 500V-1.35
Ω - 4.5A – TO-220
PowerMESHTM MOSFET
www.artschip.com
7
TO-220 MECHANICAL DATA
mm
inch
DIM.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0137
0.154
DIA.
3.75
3.85
0.147
0.151



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com