Electronic Components Datasheet Search
  English  ▼

X  

LMV791 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV791
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV791 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMV791 Datasheet HTML 3Page - National Semiconductor (TI) LMV791 Datasheet HTML 4Page - National Semiconductor (TI) LMV791 Datasheet HTML 5Page - National Semiconductor (TI) LMV791 Datasheet HTML 6Page - National Semiconductor (TI) LMV791 Datasheet HTML 7Page - National Semiconductor (TI) LMV791 Datasheet HTML 8Page - National Semiconductor (TI) LMV791 Datasheet HTML 9Page - National Semiconductor (TI) LMV791 Datasheet HTML 10Page - National Semiconductor (TI) LMV791 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Typical Performance Characteristics Unless otherwise specified, T
A = 25˚C, V
–=0, V+ = Supply
Voltage = 5V, V
CM =V
+/2, V
EN =V
+ (Continued)
Sourcing Current vs. Supply Voltage
Sinking Current vs. Supply Voltage
20116820
20116819
Sourcing Current vs. Output Voltage
Sinking Current vs. Output Voltage
20116850
20116854
Supply Current vs. Enable Pin Voltage
Supply Current vs. Enable Pin Voltage
20116808
20116807
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com