Electronic Components Datasheet Search
  English  ▼

X  

LMV791 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV791
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV791 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMV791 Datasheet HTML 8Page - National Semiconductor (TI) LMV791 Datasheet HTML 9Page - National Semiconductor (TI) LMV791 Datasheet HTML 10Page - National Semiconductor (TI) LMV791 Datasheet HTML 11Page - National Semiconductor (TI) LMV791 Datasheet HTML 12Page - National Semiconductor (TI) LMV791 Datasheet HTML 13Page - National Semiconductor (TI) LMV791 Datasheet HTML 14Page - National Semiconductor (TI) LMV791 Datasheet HTML 15Page - National Semiconductor (TI) LMV791 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application Notes
ADVANTAGES OF THE LMV791
Wide Bandwidth at Low Supply Current
The LMV791 is a high performance op amp that provides a
unity gain bandwidth of 17 MHz while drawing a low supply
current of merely 1.15 mA. This makes it ideal for providing
wideband amplification in portable applications. The enable
and shutdown feature can also be used to design more
power efficient systems and obtain wider bandwidth and
better performance while using less power.
Low Input Referred Noise and Low Input Bias Current
The LMV791 has a very low input referred voltage noise
density (5.8 nV/
at 1 kHz). A CMOS input stage ensures
a small input bias current (100 fA) and, hence, the input
referred current noise is very low (0.01 pA/
). This is
very helpful in maintaining signal fidelity, and makes the
LMV791 ideal for audio and sensor based applications.
Low Supply Voltage
LMV791 is guaranteed to perform at 2.5V and 5V supply.
The LMV791 is guaranteed to be operational at all supply
voltages between 2V and 5.5V, for ambient temperatures
ranging from −40˚C to 125˚C, thus utilizing the entire battery
lifetime. The LMV791 is also guaranteed to be operational at
1.8V supply voltage, for temperatures between 0˚C and
125˚C. This makes the LMV791 ideal for usage in low-
voltage commercial applications.
RRO and Ground Sensing
Rail-to-rail output swing provides maximum possible dy-
namic range at the output. This is particularly important
when operating at low supply voltages. An innovative posi-
tive feedback scheme is used to boost the current drive
capability of the output stage. This allows the LMV791 to
source more than 40 mA of current at 1.8V supply. This also
limits the performance of the LMV791 as a comparator, and
hence the usage of LMV791 in an open-loop configuration is
not recommended. The input common-mode range includes
the negative supply rail which allows direct sensing at
ground in single supply operation.
Enable and Shutdown Features
The LMV791 is ideal for battery powered systems. With a
low supply current of 1.15 mA and a shutdown current
typically less than 1 µA, it allows the designer to maximize
battery life. The enable pin of the LMV791 allows the op amp
to be turned off and reduce its supply current to less than 1
uA. To power on the op amp the enable pin should be higher
than V
+ - 0.5V, where V+is the positive supply. To disable the
op amp, the enable pin should be lesser than V
− + 0.5V,
where V
−is the negative supply.
Small Size
The small footprint of the LMV791 package saves space on
printed circuit boards, and enables the design of smaller
electronic products, such as cellular phones, pagers, or
other portable systems. Signals can pick up noise between
the signal source and the amplifier. By using a physically
smaller amplifier package, the LMV791 can be placed closer
to the signal source, reducing noise pickup and increasing
signal integrity.
CAPACITIVE LOAD TOLERANCE
The LMV791 can directly drive 120 pF in unity-gain without
oscillation. The unity-gain follower is the most sensitive con-
figuration to capacitive loading. Direct capacitive loading
reduces the phase margin of amplifiers. The combination of
the amplifier’s output impedance and the capacitive load
induces phase lag. This results in either an underdamped
pulse response or oscillation. To drive a heavier capacitive
load, the circuit in Figure 1 can be used.
In Figure 1, the isolation resistor R
ISO and the load capacitor
C
L form a pole to increase stability by adding more phase
margin to the overall system. The desired performance de-
pends on the value of R
ISO. The bigger the RISO resistor
value, the more stable V
OUT will be. Increased RISO would,
however, result in a reduced output swing and short circuit
current.
INPUT CAPACITANCE AND FEEDBACK CIRCUIT
ELEMENTS
The LMV791 has a very low input bias current (50 fA) and a
low 1/f noise corner frequency (400 Hz), which makes it ideal
for sensor applications. However, to obtain this performance
a large CMOS input stage is used, which adds to the input
capacitance. Though this does not affect the DC and low
frequency performance, at higher frequencies the input ca-
pacitance interacts with the input and the feedback imped-
ances to create a pole, which results in lower phase margin
and gain peaking. This can be controlled by being selective
in the use of feedback resistors, as well as by using a
feedback capacitance. For example, in the non-inverting
amplifier shown in Figure 2,ifC
IN and CF are ignored and
the open loop gain of the op amp is considered infinite then
the gain of the circuit is −R
2/R1. An op amp, however, usually
has a dominant pole, which causes its gain to drop with
frequency. Hence, this gain is only valid for DC and low
frequency. To understand the effect of the input capacitance
coupled with the non-ideal gain of the op amp, the circuit
needs to be analyzed in the frequency domain using a
Laplace transform.
20116861
FIGURE 1.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com