Electronic Components Datasheet Search
  English  ▼

X  

LMV791 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV791
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV791 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV791 Datasheet HTML 1Page - National Semiconductor (TI) LMV791 Datasheet HTML 2Page - National Semiconductor (TI) LMV791 Datasheet HTML 3Page - National Semiconductor (TI) LMV791 Datasheet HTML 4Page - National Semiconductor (TI) LMV791 Datasheet HTML 5Page - National Semiconductor (TI) LMV791 Datasheet HTML 6Page - National Semiconductor (TI) LMV791 Datasheet HTML 7Page - National Semiconductor (TI) LMV791 Datasheet HTML 8Page - National Semiconductor (TI) LMV791 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMV791
17 MHz, Low Noise, CMOS Input, 1.8V Operational
Amplifier
General Description
The LMV791 low noise, CMOS input operational amplifier
offers a low input voltage noise density of 5.8 nV/
while
consuming only 1.15 mA of quiescent current. The LMV791
is a unity gain stable op amp and has a gain bandwidth of 17
MHz. The LMV791 has a supply voltage range of 1.8V to
5.5V and can operate from a single supply. The LMV791
features a rail-to-rail output stage capable of driving a 600
Ω
load and sourcing as much as 60 mA of current.
The LMV791 provides optimal performance in low voltage
and low noise systems. A CMOS input stage, with typical
input bias currents in the range of a few femtoAmperes, and
an input common mode voltage range which includes
ground make the LMV791 ideal for low power sensor appli-
cations. The LMV791 has a built-in enable feature which can
be used to optimize power dissipation in low power applica-
tions.
The LMV791 is manufactured using National’s advanced
VIP50 process and is available in a 6-pin TSOT23 package.
Features
(Typical 5V supply, unless otherwise noted)
n
Input referred voltage noise
5.8 nV/
n
Input bias current
0.1 pA
n
Unity gain bandwidth
17 MHz
n
Supply current
1.15 mA
n
Guaranteed 2.5V and 5.0V performance
n
Rail-to-rail output swing
— @ 10 k
Ω load
25 mV from rail
— @ 2k
Ω load
35 mV from rail
n
Total harmonic distortion
0.01% @1 kHz, 600
Ω
n
Temperature range
−40oCto125oC
Applications
n
Photodiode Amplifiers
n
Active filters and buffers
n
Low noise signal processing
n
Medical Instrumentation
n
Sensor interface applications
Typical Application
20116869
Photodiode Transimpedance Amplifier
20116839
Input Referred Voltage Noise vs. Frequency
September 2005
© 2005 National Semiconductor Corporation
DS201168
www.national.com


Similar Part No. - LMV791

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV791 TI1-LMV791 Datasheet
1Mb / 34P
17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
Low Noise, CMOS Input Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMV791MK NSC-LMV791MK Datasheet
1Mb / 21P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV791MK TI1-LMV791MK Datasheet
1Mb / 34P
17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
LMV791MK/NOPB TI1-LMV791MK/NOPB Datasheet
1Mb / 34P
17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
More results

Similar Description - LMV791

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796 NSC-LMV796 Datasheet
1Mb / 19P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMP7717 NSC-LMP7717 Datasheet
1Mb / 24P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMP7717 NSC-LMP7717_08 Datasheet
1Mb / 24P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
SM73302 TI1-SM73302 Datasheet
1Mb / 24P
SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV796 TI-LMV796_15 Datasheet
1,015Kb / 29P
LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
SM73302 TI-SM73302_15 Datasheet
1Mb / 31P
SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMP7717 TI1-LMP7717 Datasheet
1Mb / 37P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com