Electronic Components Datasheet Search
  English  ▼

X  

AW8110CSR Datasheet(PDF) 8 Page - Shanghai awinic technology co.,ltd

Part # AW8110CSR
Description  Non-Crack-Noise, Ultra-Low-EMI, 3W, Mono, Filter-Free, Class-D Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW8110CSR Datasheet(HTML) 8 Page - Shanghai awinic technology co.,ltd

Back Button AW8110CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AW8110 Datasheet
June 2010 V1.3
COPYRIGHT ©2009 SHANGHAI AWINIC TECHNOLOGY CO., LTD.
Page 8 of 14
 
Output Power ( W )
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
THD+N vs OUTPUT POWER
RL=4Ω+33μH
f=1kHz
VDD=3.6V
VDD=5V
VDD=2.5V
Output Power ( W )
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
THD+N vs OUTPUT POWER
RL=8Ω+33μH
f=1kHz
VDD=5V
VDD=3.6V
VDD=2.5V
Output Power ( W )
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
THD+N vs OUTPUT POWER
RL=3Ω+33μH
f=1kHz
VDD=3.6V
VDD=5V
VDD=2.5V
5.0
OUTPUT POWER vs SUPPLY VOLTAGE
0
0.2
0.4
0.8
1.2
1.4
1.6
2.5
3.0
3.5
4.0
4.5
Supply Voltage ( V )
0.6
1.0
1.8
10% THD
1% THD
RL=8Ω+33μH
f=1kHz
5.0
OUTPUT POWER vs SUPPLY VOLTAGE
0
0.5
1.0
1.5
2.0
2.5
3.0
2.5
3.0
3.5
4.0
4.5
Supply Voltage ( V )
RL=4Ω+33μH
f=1kHz
1% THD
10% THD
5.0
OUTPUT POWER vs SUPPLY VOLTAGE
1% THD
10% THD
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2.5
3.0
3.5
4.0
4.5
Supply Voltage ( V )
RL=3Ω+33μH
f=1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com