Electronic Components Datasheet Search
  English  ▼

X  

AW8110CSR Datasheet(PDF) 3 Page - Shanghai awinic technology co.,ltd

Part # AW8110CSR
Description  Non-Crack-Noise, Ultra-Low-EMI, 3W, Mono, Filter-Free, Class-D Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW8110CSR Datasheet(HTML) 3 Page - Shanghai awinic technology co.,ltd

  AW8110CSR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AW8110 Datasheet
June 2010 V1.3
COPYRIGHT ©2009 SHANGHAI AWINIC TECHNOLOGY CO., LTD.
Page 3 of 14
 
Ordering Information
Part Number
Temperature
Package
Marking
Packing Type
AW8110CSR
-40℃~85℃
CSP9
8110
3000 units/Tape
and Reel
Absolute Maximum Ratings(1)
Parameter
Unit
Supply voltage VDD
-0.3V to 6V
Input Voltage
-0.3V to VDD+0.3V
Package Thermal Resistance θJA(2)
90 /W
℃
Operating free-air temperature
-40
to 85
℃℃
Maximum Junction Temperature TJMAX
125℃
Storage Temperature Range TSTG
-65
to 150
℃℃
Lead Temperature (Soldering 10 Seconds)
260℃
ESD Rating(3)
HBM(human body model)
±8KV
Latch-up
Test Condition :JEDEC STANDARD NO.78B DECEMBER 2008
+IT:450mA
-IT:-450mA
note1:
Stresses beyond those listed under "abso-
lute maximum ratings" may cause permanent damage
to the device. These are stress ratings only and func-
tional operation of the device at these or any other
conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure
to absolute-maximum-rated conditions for extended
periods may affect device reliability.
note2:
For the 9-Pin Flip-Chip CSP package, the
θJA is highly dependent of the PCB Heatsink area. For
example,
θJA can equal 195°C/W with 50 mm2 total
area and also 135°C/W with 500 mm2. When using
ground and power planes, the value is around 90°C/W,
as specified in table
.
note3:
The human body model is a 100pF capacitor
discharged through a 1.5kΩ resistor into each pin. Test
method: MIL-STD-883G Method 3015.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com