Electronic Components Datasheet Search
  English  ▼

X  

AW8110CSR Datasheet(PDF) 1 Page - Shanghai awinic technology co.,ltd

Part # AW8110CSR
Description  Non-Crack-Noise, Ultra-Low-EMI, 3W, Mono, Filter-Free, Class-D Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW8110CSR Datasheet(HTML) 1 Page - Shanghai awinic technology co.,ltd

  AW8110CSR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AW8110 Datasheet
June 2010 V1.3
COPYRIGHT ©2009 SHANGHAI AWINIC TECHNOLOGY CO., LTD.
Page 1 of 14
 
Non-Crack-Noise, Ultra-Low-EMI, 3W, Mono, Filter-Free,
Class-D Audio Amplifier
Features
NCN Function Protects the Speaker
EEE Function, Greatly reduces EMI over
the full bandwidth
Excellent Pop-Click Suppression
3W into 3Ω (10% THD+N,VDD=5V)
0.04%THD+N(Pout=1W,VDD=5V)
Filter-Free Class-D Architecture
Up to 90% Efficiency
High PSRR (-80dB at 217Hz)
Low Quiescent Current (2.8mA)
Low Shutdown Current (<0.1
μA)
Power Supply Range: 2.5V~5.5V
Over-Current Protection
Over-Temperature Protection
Undervoltage Protection
Small 1.45mm×1.45mm CSP9 Package
RoHS compliant, lead-free packages
Applications
Cellular Phones
MP3/PMP
GPS
Digital Photo Frame
General Description
The AW8110 is a Non-Crack-Noise (NCN),
Ultra-Low-EMI, filter-free, 3W, mono, Class-D
audio amplifier. Unique NCN function, which
adjusts the system gain automatically while
detecting the “Crack” distortion of output sig-
nal, protects the speaker from damage at high
power levels and brings the most comfortable
listening experience to the customers.
The AW8110 features the EEE (Enhanced
Emission Elimination) function which greatly
reduces EMI over the full bandwidth. The
AW8110 achieves better than 20dB margin
under FCC limits with 24 inch of cable.
The filter-free PWM architecture and internal
gain setting reduces external components
count, board area consumption, system cost
and simplifies the design. In addition, The
AW8110 offers efficiencies above 90%. The
over-current, over-temperature and under-
voltage protection is prepared inside of the
device.
The AW8110 is available in an ultra small
1.45mm×1.45mm
CSP9
package.
The
AW8110 is specified over the industrial tem-
perature range of -40℃ to +85℃.
Pin Configuration and Top Mark
Figure 1 Pin Configuration and Top Mark of AW8110


Similar Part No. - AW8110CSR

ManufacturerPart #DatasheetDescription
logo
Shanghai awinic technol...
AW8155 AWINIC-AW8155 Datasheet
1Mb / 23P
Non-Creack-Noise, Ultra-Low-EMI, TDD Suppression Second Generation Class-D Audio Amplifier
AW8155A AWINIC-AW8155A Datasheet
1Mb / 24P
Non-Crack-Noise, Ultra-Low-THDN,Ultra-Low-EMI, Second Generation Class-D Audio Amplifier
AW8155AFCR AWINIC-AW8155AFCR Datasheet
1Mb / 24P
Non-Crack-Noise, Ultra-Low-THDN,Ultra-Low-EMI, Second Generation Class-D Audio Amplifier
AW8155FCR AWINIC-AW8155FCR Datasheet
1Mb / 23P
Non-Creack-Noise, Ultra-Low-EMI, TDD Suppression Second Generation Class-D Audio Amplifier
More results

Similar Description - AW8110CSR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8303D PAM-PAM8303D Datasheet
277Kb / 17P
Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 2
PAM8303C DIODES-PAM8303C_18 Datasheet
791Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 2
PAM8303D DIODES-PAM8303D Datasheet
516Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Shenzhenshi YONGFUKANG ...
NS4149 YONGFUKANG-NS4149 Datasheet
754Kb / 14P
Ultra low EMI, no filter, 3W mono digital audio amplifier
logo
Shanghai awinic technol...
AW8155A AWINIC-AW8155A Datasheet
1Mb / 24P
Non-Crack-Noise, Ultra-Low-THDN,Ultra-Low-EMI, Second Generation Class-D Audio Amplifier
logo
List of Unclassifed Man...
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com