Electronic Components Datasheet Search
  English  ▼

X  

SC876F Datasheet(PDF) 6 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC876F
Description  Eight-digit calculator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC876F Datasheet(HTML) 6 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC876F Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC876F(文件编号:S&CIC0758)
八位计算器
第 6 页 共 11 页
APPLICATION CIRCUIT(for use with a solar cell)
图 1:
1
2
3
4
A
B
C
D
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
4-Nov-2009
Sheet
of
File:
E:\规格书\规格图\规格图-0\ZBO\SC876F.DDB Drawn By :
M
E
_
1
2
13
14
25
26
36
37
K4
K5
K6
P1 P2
A2
A3
A4
A5
K2 K3 T1
T2
VB
VA
VC
GND
H2
H3
SUN2
SUN1
VCC
H1
a1
a2
a3
a4
a5
a6
a7
a8
b1
b2
b3
b4
b5
b6
b7
b8
c1
c2
c3
c4
c5
c6
c7
c8
SC876F
+ 33uF
SB
a1-a5.b1-b4.c1-c4
1
H1
a6-a8.b5-b8.c5-c8
11
13
2
H2.H3
0.1uF
0.1uF
K2
K3
K4
K5
K6
A2
A3
A4
A5
P1
P2
2
3
6
1
2
3
4
5
6
7
8
9
0
-
+
CE
M-
M+
RM
CM
%
=
RCM
.
OFF
ON/
CE
ON/
C
X
*SC876F's substrate(the back side of SC876F's chip)should be connected to the GND level.
+/-
M
E
_
1
2
13
14
25
26
36
37
K4
K5
K6
P1 P2
A2
A3
A4
A5
K2 K3
VB
VA
VC
GND
H2
H3
H1
a1
a2
a3
a4
a5
a6
a7
a8
b1
b2
b3
b4
b5
b6
b7
b8
c1
c2
c3
c4
c5
c6
c7
c8
SC876F
+
a1-a5.b1-b4.c1-c4
1
H1
a6-a8.b5-b8.c5-c8
11
13
2
H2.H3
0.1uF
0.1uF
K2
K3
K4
K5
K6
A2
A3
A4
A5
P1
P2
2
3
6
1
2
3
4
5
6
7
8
9
0
-
+
CE
M-
M+
RM
CM
%
=
RCM
.
OFF
ON/
CE
ON/
C
*SC876F's substrate(the back side of SC876F's chip)should be connected to the GND level.
+/-
T1
T2
SUN2
SUN1
VCC
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com