Electronic Components Datasheet Search
  English  ▼

X  

SC876F Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC876F
Description  Eight-digit calculator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC876F Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC876F Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC876F(文件编号:S&CIC0758)
八位计算器
第 2 页 共 11 页
ELECTRICAL CHARACTERISTICS(Ta = 25℃, VGG = 1.5V, unless otherwise specified)
Characteristic
Symbol
Test conditions
Min
Typ
Max Unit
Note
Input voltage
VIH1
VGG-0.4
V
4
VIL1
0.4
Input current
IIH1
VIN = VGG
1
uA
5
IIL1
VIN = 0V
0.3
1
3
Output voltage 1
VOH1
Without load
VGG-0.15
V
6
VOL1
Lout = 15uA
0.15
Output voltage 2
VOA
Without load
2.80
2.95
V
7
VOB
Without load
1.30
1.50
1.70
VOC
Without load
0
0.20
Display frequency
Fd
VGG = 1.3V, while
Display is on, Rf = 560Kohm
40
45
50
Hz
7
Dissipation
Ioff
Display off
0.1
uA
8
IDIS
VGG = 1.3V
While display is on
3.5
5
9
Iop
VGG = 1.1V
While operation
5.6
10
Note: 4. Applies to pins K2~K6.
5. Applies to pins K2~K6.
6. Applies to P1, P2, A2~A5.
7. Applies to H1~H3, a1~a8, b1~b8, c1~c8.
8. Measured by the below test circuit after power supply automatically turns off.
9. Measured by the below test circuit while”0” is being displayed after auto-clear operation and
while key is not being depressed.
10.Measured by the below test circuit while operation is being made by ON/C key and while key
is not being depressed.
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
9-Feb-2006
Sheet
of
File:
E:\规格书\规格图\规格图-0\ZBO\SC326.DDB Drawn By :
1
2
3
4
5
6
34
C1
C2
A
SC326
TEST CIRCUIT
{C1,C2:0.1uF}



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com