Electronic Components Datasheet Search
  English  ▼

X  

SC876F Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC876F
Description  Eight-digit calculator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC876F Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC876F Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC876F Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC876F(文件编号:S&CIC0758)
八位计算器
第 1 页 共 11 页
BASIC FUNCTION 8 DIGITS LCD CALCULATOR
The SC876F is a single chip CMOS LSI with 8-digit arithmetic operation, single memory
extraction-of-square-root, percentage calculation and auto power off function, designed for FEM LCD
operation with a 1.5V power supply or dual power supply.
FUNCTIONS
 Four standard functions(+,-,×,÷)
 Auto constant calculations (constant: multiplicand, divisor, addend and subtrahend).
 Square and reciprocal calculations.
 Mark-up and mark -down calculations.
 Extraction of square root.
 Percentage calculations.
 Chain multiplication and division.
 Power calculations.
 Rough estimate calculations.
 Clear key: ON/C, ON/CE, CE
FEATURES
 Single chip CMOS construction.
 Rollover capability.
 Floating decimal point.
 LCD direct drive.
 Overflow indication: E.
 Accumulating memory: M+, M-, RM, CM, RM/CM.
 Only bare chip available.
 On chip supply voltage limiter by application.
ABXOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Note
Terminal voltage
VGG
-0.3~+2.1
V
1
VIN
-0.3~VGG+0.3
V
Solar supply voltage
VSB
1.1~3.0
V
2
VGG(lim)
1.1~1.8
V
3
Battery supply voltage
VGG
1.1~1.8
V
Operating temperature
Topr
0~+50
℃
Storage temperature
Tstg
-55~+125
℃
Note: 1. Maximum voltage on any pin with respect to the GND.
2. Vsb is solar supply voltage.
3. VGG(lim) is limited voltage.


Similar Part No. - SC876F

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC8702 FAIRVIEW-SC8702 Datasheet
501Kb / 3P
SSMA Female Bulkhead PCB Connector .042 inch End Launch Solder Attachment
REV 2.0
SC8705 FAIRVIEW-SC8705 Datasheet
501Kb / 3P
SSMA Female Bulkhead PCB Connector .062 inch End Launch Solder Attachment
REV 2.0
logo
Telit loT Solutions
SC872-A TELIT-SC872-A Datasheet
440Kb / 2P
JUPITER SC872-A
logo
SOUTHCHIP Semiconductor...
SC8723 SOUTHCHIP-SC8723 Datasheet
219Kb / 6P
SC8723 High Efficiency, Synchronous, 3.5A Buck-Boost Converter with Four Integrated MOSFETs
SC8723QFKR SOUTHCHIP-SC8723QFKR Datasheet
219Kb / 6P
SC8723 High Efficiency, Synchronous, 3.5A Buck-Boost Converter with Four Integrated MOSFETs
More results

Similar Description - SC876F

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM34014 EMC-EM34014 Datasheet
583Kb / 20P
10/12 DIGIT CALCULATOR
EM34025 EMC-EM34025 Datasheet
453Kb / 18P
10/12 DIGIT CURRENCY CALCULATOR?
logo
Silan Microelectronics ...
SC3423 SILAN-SC3423 Datasheet
238Kb / 13P
8-DIGIT CALCULATOR
logo
Integral Corp.
IZ1228 INTEGRAL-IZ1228 Datasheet
111Kb / 9P
8-DIGIT CALCULATOR
IZ1236 INTEGRAL-IZ1236 Datasheet
151Kb / 6P
8-DIGIT CALCULATOR WITH MARKER
IZ1278U INTEGRAL-IZ1278U Datasheet
108Kb / 4P
10/12-DIGIT SELECTABLE DESK TOP CALCULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC2135B FUMAN-SC2135B Datasheet
339Kb / 7P
10/12 digit calculator
TC34014AS FUMAN-TC34014AS Datasheet
367Kb / 12P
10/12 digit calculator
TC34014BS FUMAN-TC34014BS Datasheet
186Kb / 12P
10/12 digit calculator
TC34014SS FUMAN-TC34014SS Datasheet
338Kb / 11P
12-digit calculator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com