Electronic Components Datasheet Search
  English  ▼

X  

SC1118 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1118
Description  1A (Sink & Source) Low Dropout, Low Quiescent Current Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1118 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1118 Datasheet HTML 1Page - Semtech Corporation SC1118 Datasheet HTML 2Page - Semtech Corporation SC1118 Datasheet HTML 3Page - Semtech Corporation SC1118 Datasheet HTML 4Page - Semtech Corporation SC1118 Datasheet HTML 5Page - Semtech Corporation SC1118 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1118
Notes:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2) V
IN(MIN) for each voltage option is as follows:
n
o
i
t
p
O
e
g
a
t
l
o
VV
)
N
I
M
(
N
I
J
D
AV
7
.
3
V
5
.
2V
2
.
4
V
5
8
.
2V
5
.
4
V
5V
5
.
6
(3) Defined as the input to output differential at which the output voltage drops 1% below the value measured at
a differential of 2V.
(4) As V
OUT increases further towards GND or VIN, the current limit will fold back.
(5) Adjustable option: for 3.7V
≤ V
IN ≤ 5V, VEN = VIN,
for 5V
≤ V
IN ≤ 15V, VEN = 5V
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
t
u
o
p
o
r
D
)
3
(
)
1
(
n
o
it
p
o
e
l
b
a
t
s
u
j
d
A
r
o
F
V
O
V
,
V
3
.
3
=
N
E
V
=
N
I
V
D
I
T
U
O
A
m
0
0
1
=5
8
.
00
1
.
1V
I
T
U
O
A
m
0
0
8
=0
.
13
.
1
I
T
U
O
A
1
=
5
.
1
e
g
a
tl
o
V
t
u
p
t
u
O
m
u
m
i
n
i
MV
)
N
I
M
(
T
U
O
n
o
i
s
r
e
v
J
D
AV
B
F
V
e
g
a
tl
o
V
t
u
p
t
u
O
m
u
m
i
x
a
MV
)
X
A
M
(
T
U
O
n
o
i
s
r
e
v
J
D
A
5
.
5
V
ti
m
i
L
t
n
e
r
r
u
C
t
u
p
t
u
O
)
4
(
I
)
+
(
L
C
V
T
U
O
V
(
=
)
M
O
N
(
T
U
O
)
V
m
0
0
1
-
1
5
.
1A
I
)
-
(
L
C
V
T
U
O
V
(
=
)
M
O
N
(
T
U
O
)
V
m
0
0
1
+
1
-
5
.
1
-
,
e
m
i
T
g
n
il
tt
e
S
t
n
e
i
s
n
a
r
T
d
a
o
L
∆V
T
U
O
%
1
=
t
S
I
T
U
O
A
1
o
t
A
0
r
o
A
0
o
t
A
1
-
=5
s
µ
n
o
it
c
e
j
e
R
e
l
p
p
i
RR
A
V
(
,
z
H
0
2
1
=
f
N
I
V
-
T
U
O
V
,
V
2
=
)
C
A
V
5
.
0
=
P
-
P
5
6B
d
d
l
o
h
s
e
r
h
T
t
u
p
n
I
e
l
b
a
n
EV
H
I
N
O
t
u
p
t
u
O
8
.
1
5
.
1V
V
L
I
F
F
O
t
u
p
t
u
O5
.
1
4
.
0
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
e
l
b
a
n
EI
N
E
V
N
E
V
=
N
I
)
g
n
i
k
n
i
s
N
E
(
V
7
=5
2
0
6
A
µ
V
N
E
V
,
V
0
=
N
I
)
g
n
i
c
r
u
o
s
N
E
(
V
7
=5
2
-
0
6
-
n
o
it
c
n
u
J
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
e
r
u
t
a
r
e
p
m
e
T
T
I
H
5
5
1C
°
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
TT
T
S
Y
H
5
1C
°
Unless otherwise specified: T
A = 25°C, VIN = VEN = 5V (2.5V, 2.85V and adjustable options, adjustable option set to 2V out), VIN = VEN = 7V (5V option),
I
OUT = 0mA, CIN = COUT = 1µF. Values in bold apply over operating temperature range: 0 ≤ TJ = TA ≤ 85°C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com