Electronic Components Datasheet Search
  English  ▼

X  

SC1118 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1118
Description  1A (Sink & Source) Low Dropout, Low Quiescent Current Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1118 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1118 Datasheet HTML 1Page - Semtech Corporation SC1118 Datasheet HTML 2Page - Semtech Corporation SC1118 Datasheet HTML 3Page - Semtech Corporation SC1118 Datasheet HTML 4Page - Semtech Corporation SC1118 Datasheet HTML 5Page - Semtech Corporation SC1118 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1118
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices (both packages).
(2) Where X.X denotes voltage options. Available
voltages are: 2.5V (-2.5), 2.85V (-2.85) and 5V (-5.0).
Contact factory for additional voltage options.
(3) Adjustable output voltage version (SO-8 only).
e
c
i
v
e
D
)
1
(
e
g
a
k
c
a
P
R
T
X
.
X
-
S
8
1
1
1
C
S
)
2
(
R
T
S
8
1
1
1
C
S
)
3
(
8
-
O
S
R
T
X
.
X
-
T
S
8
1
1
1
C
S
)
2
(
3
2
2
-
T
O
S
Top Views
Fixed Output Voltage
Adjustable Output Voltage
SOT-223
3
2
2
-
T
O
S
n
i
Pn
o
i
t
c
n
u
F
1T
U
O
2D
N
G
3N
I
D
N
G
s
i
B
A
T
SO-8
n
i
P
e
m
a
N
r
e
b
m
u
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
8
-
O
S
d
e
x
i
F8
-
O
S
.j
d
A3
2
2
-
T
O
S
N
E8
8
-
s
t
u
h
s
w
o
l
n
i
p
s
i
h
t
g
n
il
l
u
P
.
e
l
b
it
a
p
m
o
c
L
T
T
/
S
O
M
C
.t
u
p
n
i
e
l
b
a
n
e
h
g
i
h
e
v
it
c
A
.
e
g
a
k
c
a
p
3
2
2
-
T
O
S
e
h
t
n
i
N
I
o
t
y
ll
a
n
r
e
t
n
i
d
e
t
c
e
n
n
o
C
.
n
w
o
d
e
c
i
v
e
d
e
h
t
B
F-
5
-
e
s
U
.r
e
if
il
p
m
a
r
o
r
r
e
e
h
t
f
o
t
u
p
n
i
g
n
it
r
e
v
n
i
e
h
t
o
t
s
t
c
e
n
n
o
C
.t
u
p
n
i
k
c
a
b
d
e
e
F
e
e
s
(
s
t
r
a
p
8
-
O
S
e
l
b
a
t
s
u
j
d
a
e
h
t
f
o
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
t
s
u
j
d
a
o
t
n
i
p
s
i
h
t
.
)
1
e
g
a
p
n
o
ti
u
c
r
i
C
n
o
it
a
c
il
p
p
A
D
N
G7
,
6
,
37
,
6
,
3B
A
T
/
2.
d
n
u
o
r
g
o
t
s
n
o
it
c
e
n
n
o
c
d
n
u
o
r
g
ll
a
t
c
e
n
n
o
C
.
)
s
(
n
i
p
d
n
u
o
r
G
N
I4
,
14
,
13
e
l
p
u
o
c
e
d
,r
e
h
t
o
h
c
a
e
o
t
d
n
a
y
l
p
p
u
s
e
v
it
i
s
o
p
o
t
s
n
i
p
ll
a
t
c
e
n
n
o
C
.
)
s
(
n
i
p
t
u
p
n
I
.
m
u
m
i
n
i
m
F
µ
1
h
ti
w
C
N5
-
-
.
g
n
it
a
o
lf
n
i
p
s
i
h
t
e
v
a
e
L
.
d
e
t
c
e
n
n
o
c
t
o
N
T
U
O2
2
1
a
t
c
e
n
n
o
C
.
n
i
p
t
u
p
t
u
O
≥
.
y
ti
li
b
a
t
s
r
o
f
r
o
ti
c
a
p
a
c
F
µ
2
2
.
0
Pin Configurations
Ordering Information
Pin Descriptions
Block Diagram
* R1 and R2 are only in fixed voltage parts. FB pin is
only present in adjustable part.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com