Electronic Components Datasheet Search
  English  ▼

X  

SC1118 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1118
Description  1A (Sink & Source) Low Dropout, Low Quiescent Current Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1118 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1118 Datasheet HTML 1Page - Semtech Corporation SC1118 Datasheet HTML 2Page - Semtech Corporation SC1118 Datasheet HTML 3Page - Semtech Corporation SC1118 Datasheet HTML 4Page - Semtech Corporation SC1118 Datasheet HTML 5Page - Semtech Corporation SC1118 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1118
1A (Sink & Source) Low Dropout, Low
Quiescent Current Voltage Regulator
Revision: June 10, 2004
The SC1118 family of low dropout regulators has the
unique capability of maintaining output regulation while
sourcing or sinking current. The 2.85V output voltage
option is ideal for use as a Boulay termination of up to
27 SCSI data lines. The regulator maintains regulation
while both sourcing and sinking current, enabling the use
of active negation drivers for improved noise immunity
on the data lines. Regulation of output voltage is
maintained for TERMPWR voltages as low as 4.0V. When
unloaded, quiescent supply current is a low 2mA,
allowing continuous connection to the TERMPWR lines.
An ultra low power shutdown mode is also available on
the SO-8 version. In shutdown the output is high
impedance and supply current drops to 100µA (typ.).
Current limits in both sourcing and sinking modes, plus
on-chip thermal shutdown make the circuit tolerant of
output fault conditions.
The SC1118 is available in the 3-lead SOT-223 and
8-lead SO-8 packages.
Active negation SCSI terminations
Computers
Disk drives
CD-ROM drives
Supply splitter
Regulates while sourcing or sinking current
Provides termination for up to 27 SCSI lines
2mA quiescent current
Ultra low power shutdown mode
Current limit and thermal shutdown protection
Stable for any C
LOAD ≥ 0.22µF
Fast settling time
SOT-223 and SO-8 surface mount packages
VOUT
VIN
C2
1uF
C1
1uF
U1 SC1118ST-x.x
1
2, TAB
3
IN
GND
OUT
1
R
I
2
R
1
R
1
V
V
FB
FB
OUT
•
+
 +
•
=
Description
Features
Applications
Typical Application Circuits
VOUT
VIN
C2
1uF
C1
1uF
U1 SC1118S-x.x
1, 4
2
8
3, 6, 7
5
IN
OUT
EN
GND
NC
VIN
VOUT
U1
SC1118S
1, 4
5
8
3, 6, 7
2
IN
OUT
FB
EN
GND
R1
R2
C1
1uF
C2
1uF


Similar Part No. - SC1118

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC111 SEMTECH-SC111 Datasheet
96Kb / 7P
SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
SC111 SEMTECH-SC111 Datasheet
127Kb / 4P
0.8AMP POSITIVE VOLTAGE REGULATOR
logo
VITALCONN ELECTRONICS H...
SC111 VITALCONN-SC111 Datasheet
192Kb / 2P
SFP1*1 CONN
logo
Semtech Corporation
SC1110 SEMTECH-SC1110 Datasheet
96Kb / 7P
SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
SC1110CSTR SEMTECH-SC1110CSTR Datasheet
96Kb / 7P
SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
More results

Similar Description - SC1118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
1A Output Current Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1540 TSC-TS1540 Datasheet
216Kb / 4P
1A Low Dropout Voltage Regulator with Low Quiescent Current
TS1540 TSC-TS1540_08 Datasheet
67Kb / 4P
1A Low Dropout Voltage Regulator with Low Quiescent Current
logo
SHANGHAI BELLING CO., L...
BL9110 BELLING-BL9110 Datasheet
964Kb / 27P
1A Low Dropout, Low Quiescent Current
logo
Microchip Technology
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
logo
ON Semiconductor
NCP4681 ONSEMI-NCP4681 Datasheet
340Kb / 18P
Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
logo
SHANGHAI BELLING CO., L...
BL9110 BELLING-BL9110_16 Datasheet
1Mb / 30P
1A Low Dropout, Low Quiescent Current High PSRR CMOS Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com