Electronic Components Datasheet Search
  English  ▼

X  

SC3203SETRC Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC3203SETRC
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203SETRC Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC3203SETRC Datasheet HTML 5Page - Semtech Corporation SC3203SETRC Datasheet HTML 6Page - Semtech Corporation SC3203SETRC Datasheet HTML 7Page - Semtech Corporation SC3203SETRC Datasheet HTML 8Page - Semtech Corporation SC3203SETRC Datasheet HTML 9Page - Semtech Corporation SC3203SETRC Datasheet HTML 10Page - Semtech Corporation SC3203SETRC Datasheet HTML 11Page - Semtech Corporation SC3203SETRC Datasheet HTML 12Page - Semtech Corporation SC3203SETRC Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SC3203
9
Typical Characteristics (continued)
Power Save Switching - No Load
Time (1ms/div)
V
OUT = 3.3V, VIN = 12V, no load
V
OUT (100mV/div)
LX (10V/div)
Power Save Switching - 100mA Load
Time (4µs/div)
V
OUT = 3.3V, VIN = 12V, 100mA load
V
OUT (100mV/div)
LX (10V/div)
Continuous Mode Switching - 3A Load
Time (1µs/div)
V
OUT = 3.3V, VIN = 12V, 3A Load
V
OUT (100mV/div)
LX (10V/div)
Hiccup Recovery from Over-Current
Time (20ms/div)
V
OUT (50mV/div)
LX (10V/div)
V
OUT = 1.2V, VIN = 12V
Pre-bias Startup
Time (1ms/div)
V
OUT (500mV/div)
LX (20V/div)
V
OUT = 1.2V, VIN = 12V, Load = 10mA
Shutdown via EN control
Time (400µs/div)
EN(5V/div)
LX (20V/div)
V
OUT = 1.2V, VIN = 12V, Load = 1A
LOAD (2A/div)
EN(5V/div)
PGOOD(5V/div)
V
OUT (1V/div)
PGOOD(5V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com