Electronic Components Datasheet Search
  English  ▼

X  

SC3203SETRC Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC3203SETRC
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203SETRC Datasheet(HTML) 1 Page - Semtech Corporation

  SC3203SETRC Datasheet HTML 1Page - Semtech Corporation SC3203SETRC Datasheet HTML 2Page - Semtech Corporation SC3203SETRC Datasheet HTML 3Page - Semtech Corporation SC3203SETRC Datasheet HTML 4Page - Semtech Corporation SC3203SETRC Datasheet HTML 5Page - Semtech Corporation SC3203SETRC Datasheet HTML 6Page - Semtech Corporation SC3203SETRC Datasheet HTML 7Page - Semtech Corporation SC3203SETRC Datasheet HTML 8Page - Semtech Corporation SC3203SETRC Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© 2015 Semtech Corporation
POWER MANAGEMENT
1
SC3203
3A EcoSpeed® Step-Down Regulator
with Power Save
Typical Application Circuit
Rev 2.1
Features
Input voltage — 9V to 16V
Programmable VIN UVLO
Output voltage adjustable from 0.75V to 7.5V
Output current — Up to 3A
Internal reference — + 2%
Supports ceramic capacitors
Low component count
Power good output (open-drain)
Low RDS
ON mosfets
65mΩ low-side/100mΩ high-side
ENABLE input
Programmable VIN UVLO and hysteresis
VIN Under-Voltage Lock Out
500kHz switching frequency
Adaptive on-time control:
Excellent transient response
Pseudo-fixed frequency during CCM
Fault protection features:
Over-current/Over-voltage/Under-voltage
Over-temperature
Automatic Restart (Hiccup)
Internal soft-start
Start-up into pre-bias output
Power Save and Smart Power Save
Internal LDO for bias voltage
SOIC8-EP5 lead-free package
WEEE and RoHS compliant and halogen-free
•
•
•
•
•
•
•
•
Description
The SC3203 is an integrated, synchronous 3A EcoSpeed®
step-down regulator. It incorporates Semtech’s advanced,
patented adaptive on-time architecture to achieve best-
in-class dynamic performance using point-of-load appli-
cations. The input voltage range is 9V to 16V, and the
output voltage is adjustable from 0.75V to 7.5V. The device
features an internal LDO and automatic PSAVE mode for
high efficiency across the output load range.
Switching frequency is internally programmed to 500kHz.
Semtech’s adaptive on-time control provides pseudo-fixed
frequency operation in continuous conduction combined
with excellent transient performance.
Additional features include cycle-by-cycle current limit,
soft start, output over voltage and over temperature pro-
tection, and automatic fault recovery. The open-drain
PGOOD pin provides output status.
The device is available in a lead-free SOIC8-EP5 package.
Applications
Consumer Electronics, DTV and Set-top Boxes
Networking Equipment, Embedded Systems
Medical Equipment, Office Automation
Instrumentation, Portable Systems
Point of Load Converters
EN
VIN
PG O O D
BYP
LX
BST
VOUT
Enable
VIN
VFB
RPGOOD
L
RTOP
RBOT
PAD
AG ND
1µ
PG O O D
3.3V
SC3203
10n
CTOP
COUT
CIN
49.9Ω


Similar Part No. - SC3203SETRC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
SC3200 AMD-SC3200 Datasheet
3Mb / 447P
AMD GEODE-TM SC3200 PROCESSOR
SC3200UCL-266 AMD-SC3200UCL-266 Datasheet
3Mb / 447P
AMD GEODE-TM SC3200 PROCESSOR
SC3200UCL-266F AMD-SC3200UCL-266F Datasheet
3Mb / 447P
AMD GEODE-TM SC3200 PROCESSOR
SC3200UFH-233 AMD-SC3200UFH-233 Datasheet
3Mb / 447P
AMD GEODE-TM SC3200 PROCESSOR
SC3200UFH-233F AMD-SC3200UFH-233F Datasheet
3Mb / 447P
AMD GEODE-TM SC3200 PROCESSOR
More results

Similar Description - SC3203SETRC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC173 SEMTECH-SC173 Datasheet
717Kb / 27P
3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC174 SEMTECH-SC174 Datasheet
718Kb / 27P
4A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC171 SEMTECH-SC171_10 Datasheet
622Kb / 27P
1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC172 SEMTECH-SC172 Datasheet
622Kb / 27P
2A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC173A SEMTECH-SC173A Datasheet
663Kb / 26P
3A EcoSpeedTM Synchronous Step-Down Regulator with Automatic Power Save
SC410 SEMTECH-SC410 Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
SC3303MLTRT SEMTECH-SC3303MLTRT Datasheet
516Kb / 26P
3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
SC410A SEMTECH-SC410A Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
3A Step-Down Voltage Regulator
logo
Semtech Corporation
SC171 SEMTECH-SC171 Datasheet
590Kb / 27P
1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com