Electronic Components Datasheet Search
  English  ▼

X  

SC3203SETRC Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC3203SETRC
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203SETRC Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC3203SETRC Datasheet HTML 12Page - Semtech Corporation SC3203SETRC Datasheet HTML 13Page - Semtech Corporation SC3203SETRC Datasheet HTML 14Page - Semtech Corporation SC3203SETRC Datasheet HTML 15Page - Semtech Corporation SC3203SETRC Datasheet HTML 16Page - Semtech Corporation SC3203SETRC Datasheet HTML 17Page - Semtech Corporation SC3203SETRC Datasheet HTML 18Page - Semtech Corporation SC3203SETRC Datasheet HTML 19Page - Semtech Corporation SC3203SETRC Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SC3203
16
Applications Information (continued)
has passed a new soft start cycle is attempted. After soft
start, if the output is still in a fault condition the switcher
will again shut down and wait another 32msec before
attempting the next soft-start. The 32msec delay between
soft start cycles reduces power loss and heating in the
power components.
Note that an external VIN UVLO event is treated internally
as a fault condition and triggers the Hiccup Mode feature.
This will lead to a delay on restart when VIN has recovered
to a normal level. The EN pin can rise above the VIN UVLO
threshold but the controller must complete a 32msec
time-out before the switcher will start up. The same delay
also occurs for OVP and Over-Temperature shut down.
BYP Regulator
The SC3203 has an internal regulator that supplies the
bias voltage for the PWM controller. Although this voltage
is available externally, the BYP regulator is designed for
internal use only. The BYP pin requires a 1μF bypass
capacitor. When the EN pin exceeds typically 1V, the BYP
regulator is enabled and goes through a start-up
sequence.
During start-up while the BYP output voltage remains
below 4V, the BYP short-circuit protection is active and
limits the current to typically 35mA. After BYP exceeds
4.0V the LDO operates in voltage regulation mode with
output current limited to typically 100mA (see Figure 9).
4V
5V
Short-circuit Protection 35m A
Voltage regulating with
100m A current lim it
BYP Voltage (V)
Figure 9 — LDO Start-Up
BYP UVLO and POR
The BYP UVLO (Under-Voltage Lock-Out) circuitry inhibits
switching and tri-states the power mosfets until the BYP
voltage rises above 4.0V. An internal POR (Power-On Re-
set) occurs when BYP exceeds 4.0V, which resets the fault
latch and enables the soft start ramp. The SC3203 then
begins a soft start cycle. The PWM will shut off if BYP falls
below 3.7V.
Boost Supply
The Boost supply provides bias for the high-side mosfet
driver. Connect a 10nF between Boost and LX. Larger
values of Boost capacitance should not be used, the
Boost driver circuit is designed for 10nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com