Electronic Components Datasheet Search
  English  ▼

X  

P2A Datasheet(PDF) 2 Page - MKS Instruments.

Part # P2A
Description  Mass Flow Contro ller for Ion ImplanT Applicatiotions
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

P2A Datasheet(HTML) 2 Page - MKS Instruments.

  P2A Datasheet HTML 1Page - MKS Instruments. P2A Datasheet HTML 2Page - MKS Instruments. P2A Datasheet HTML 3Page - MKS Instruments. P2A Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Most gases used in the semiconductor industry are
supplied at a constant pressure, typically above
atmosphere, and are delivered to a process at or below
atmosphere. Ion implant gases are now mostly supplied at
sub-atmospheric pressure using SDS or VAC source gas
technology.
These SDS gases are supplied at a sub-atmospheric
pressure that decreases as the gas is consumed. This is
a critical difference for the mass flow controller, as inlet
pressure, was typically constant. Changing inlet pressure
can impact an MFC’s capability to both meter and control
flow accurately, as well as achieve set-point within an
allowable time. The wider the range of inlet pressure that
an MFC can control and meet performance criteria is
critical to SDS gas utilization and tool uptime.
The
πMFC-LP was specifically designed for SDS source
gases and similar applications. It controls rapidly and
accurately from initial SDS pressures of 650 Torr down
to pressures well below 10 Torr at the MFC. The digital
control electronics have been tuned to provide typical
response times of less than 2 seconds. With its ability
to accurately meter and control gas flow over this wide
pressure range, the SDS source utilization is maximized
resulting in fewer bottle changeouts, increased up-time
and ultimately lower cost of ownership. See Figure 1 for
typical SDS gas utilization as a function of pressure.
Figure 1 —
SDS Gas Use Rate Efficiency
Dimensional Drawing and PinOuts—Swagelok® 4 VCR® Version with Analog 9 Pin D
Note: Unless otherwise specified, dimensions are nominal values in inches (mm referenced).
The
πMFC multi-gas feature allows the user to configure
an MFC off-the-shelf for its intended gas further lowering
costs through reduced inventory requirements. This feature
is enabled through a web browser utility accessed through
the device’s Ethernet port. The configuration utility uses a
standard web browser – no special software is required.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com