Electronic Components Datasheet Search
  English  ▼

X  

P2A Datasheet(PDF) 3 Page - MKS Instruments.

Part # P2A
Description  Mass Flow Contro ller for Ion ImplanT Applicatiotions
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

P2A Datasheet(HTML) 3 Page - MKS Instruments.

  P2A Datasheet HTML 1Page - MKS Instruments. P2A Datasheet HTML 2Page - MKS Instruments. P2A Datasheet HTML 3Page - MKS Instruments. P2A Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Performance
Full Scale Ranges (N
2 equivalent)
2 – 20 sccm
Inlet Pressure Range
4 – 1200 Torr (with vacuum at the outlet)
Normal Operating Pressure Differential (N
2 equivalent)
<10 Torr at F.S. flow (with vacuum at the outlet)
Maximum Purge Pressure
150 psig
Burst Pressure
1500 psig
Control Range
2 to 100% of F.S.
Typical Accuracy
±1% of set point for >10 to 100% F.S. and
±0.2% of F.S. for 2 to 10% of F.S.
at inlet pressures >20 Torr
Repeatability
0.2% of F.S.
Resolution
0.1% of Reading
Temperature Coefficients
Zero
±0.08% of F.S./°C
Span
±0.08% of Rdg/°C
Controller Settling Time
<2 sec. typical above 10% of F.S. at inlet pressures >10 Torr
(per Semi Guideline E17-0600)
Warm-up Time
<30 min.
(to within 0.2% of F.S. of steady state performance)
Normal Operating Temperature
10 to 50°C
Storage Humidity
0 to 95% Relative Humidity, no condensing
Storage Temperature
-20 to 65°C
Temperature Display
0 to 100°C
Temperature Readout Units
°C
Temperature Accuracy
±2°C
Temperature Resolution
0.1°C
Mechanical
Fittings
Swagelok® 4 VCR®
Display
4 digits for value, 4 characters for unit
Leak Integrity
External (scc/sec He)
<1x10-10
Through Closed Valve
<1.0% of FS at 25 psig to atmosphere
Wetted Materials
Standard
316 S.S. VAR (equivalent to 316 S.S. SCQ for semiconductor quality),
316 S.S., Elgiloy, KM-45, NiTi
Surface Finish
5 microinch average Ra
Weight
Less than 2 lbs. (0.9 kg)
Electrical
Connectors
Analog (power & I/O)
9 pin D male or 15 pin D male
Diagnostics
Ethernet
Input Voltage
15-24 VDC ±5%VDC @ 350mA peak, 250 mA steady state
Set Point Command Signal
0 to 5 VDC
Output Signal
0 to 5 VDC
Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com