Electronic Components Datasheet Search
  English  ▼

X  

ESP32 Datasheet(PDF) 34 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 34 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
4. Peripherals and Sensors
4.1.16 LED PWM
The LED PWM controller can generate 16 independent channels of digital waveforms with configurable periods
and duties.
The 16 channels of digital waveforms operate with an APB clock of 80 MHz. Eight of these channels have the
option of using the 8 MHz oscillator clock. Each channel can select a 20-bit timer with configurable counting range,
while its accuracy of duty can be up to 16 bits within a 1 ms period.
The software can change the duty immediately. Moreover, each channel automatically supports step-by-step duty
increase or decrease, which is useful for the LED RGB color-gradient generator.
4.1.17 Serial Peripheral Interface (SPI)
ESP32 features three SPIs (SPI, HSPI and VSPI) in slave and master modes in 1-line full-duplex and 1/2/4-line
half-duplex communication modes. These SPIs also support the following general-purpose SPI features:
• Four modes of SPI transfer format, which depend on the polarity (CPOL) and the phase (CPHA) of the SPI
clock
• Up to 80 MHz (The actual speed it can reach depends on the selected pads, PCB tracing, peripheral char-
acteristics, etc.)
• up to 64-byte FIFO
All SPIs can also be connected to the external flash/SRAM and LCD. Each SPI can be served by DMA con-
trollers.
4.1.18 Accelerator
ESP32 is equipped with hardware accelerators of general algorithms, such as AES (FIPS PUB 197), SHA (FIPS
PUB 180-4), RSA, and ECC, which support independent arithmetic, such as Big Integer Multiplication and Big
Integer Modular Multiplication. The maximum operation length for RSA, ECC, Big Integer Multiply and Big Integer
Modular Multiplication is 4,096 bits.
The hardware accelerators greatly improve operation speed and reduce software complexity. They also support
code encryption and dynamic decryption, which ensures that code in the flash will not be hacked.
Espressif Systems
27
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com