Electronic Components Datasheet Search
  English  ▼

X  

ESP32 Datasheet(PDF) 54 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 54 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 50Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 51Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 54Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 55Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 57Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 58Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
Appendix A
Same input
Signal
Default value
signal from
Output enable
No.
Input signals
if unassigned
IO_MUX
core
Output signals
of output signals
122
pwm3_cap1_in
0
no
-
1’d1
123
pwm3_cap2_in
0
no
-
1’d1
124
pwm3_cap3_in
0
no
-
1’d1
140
I2S0I_DATA_in0
0
no
I2S0O_DATA_out0
1’d1
141
I2S0I_DATA_in1
0
no
I2S0O_DATA_out1
1’d1
142
I2S0I_DATA_in2
0
no
I2S0O_DATA_out2
1’d1
143
I2S0I_DATA_in3
0
no
I2S0O_DATA_out3
1’d1
144
I2S0I_DATA_in4
0
no
I2S0O_DATA_out4
1’d1
145
I2S0I_DATA_in5
0
no
I2S0O_DATA_out5
1’d1
146
I2S0I_DATA_in6
0
no
I2S0O_DATA_out6
1’d1
147
I2S0I_DATA_in7
0
no
I2S0O_DATA_out7
1’d1
148
I2S0I_DATA_in8
0
no
I2S0O_DATA_out8
1’d1
149
I2S0I_DATA_in9
0
no
I2S0O_DATA_out9
1’d1
150
I2S0I_DATA_in10
0
no
I2S0O_DATA_out10
1’d1
151
I2S0I_DATA_in11
0
no
I2S0O_DATA_out11
1’d1
152
I2S0I_DATA_in12
0
no
I2S0O_DATA_out12
1’d1
153
I2S0I_DATA_in13
0
no
I2S0O_DATA_out13
1’d1
154
I2S0I_DATA_in14
0
no
I2S0O_DATA_out14
1’d1
155
I2S0I_DATA_in15
0
no
I2S0O_DATA_out15
1’d1
156
-
-
-
I2S0O_DATA_out16
1’d1
157
-
-
-
I2S0O_DATA_out17
1’d1
158
-
-
-
I2S0O_DATA_out18
1’d1
159
-
-
-
I2S0O_DATA_out19
1’d1
160
-
-
-
I2S0O_DATA_out20
1’d1
161
-
-
-
I2S0O_DATA_out21
1’d1
162
-
-
-
I2S0O_DATA_out22
1’d1
163
-
-
-
I2S0O_DATA_out23
1’d1
164
I2S1I_BCK_in
0
no
I2S1I_BCK_out
1’d1
165
I2S1I_WS_in
0
no
I2S1I_WS_out
1’d1
166
I2S1I_DATA_in0
0
no
I2S1O_DATA_out0
1’d1
167
I2S1I_DATA_in1
0
no
I2S1O_DATA_out1
1’d1
168
I2S1I_DATA_in2
0
no
I2S1O_DATA_out2
1’d1
169
I2S1I_DATA_in3
0
no
I2S1O_DATA_out3
1’d1
170
I2S1I_DATA_in4
0
no
I2S1O_DATA_out4
1’d1
171
I2S1I_DATA_in5
0
no
I2S1O_DATA_out5
1’d1
172
I2S1I_DATA_in6
0
no
I2S1O_DATA_out6
1’d1
173
I2S1I_DATA_in7
0
no
I2S1O_DATA_out7
1’d1
174
I2S1I_DATA_in8
0
no
I2S1O_DATA_out8
1’d1
175
I2S1I_DATA_in9
0
no
I2S1O_DATA_out9
1’d1
176
I2S1I_DATA_in10
0
no
I2S1O_DATA_out10
1’d1
177
I2S1I_DATA_in11
0
no
I2S1O_DATA_out11
1’d1
Espressif Systems
47
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com